Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 10Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Data Sheet
ADAQ4216
SPECIFICATIONS
analog.com
Rev. 0 | 7 of 61
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VIO6
1.14
1.89
V
VLDO
2.2
5.4
5.5
V
Standby Current
Inputs grounded
VDDH
8
mA
VSSH
−9
mA
VDD_FDA
4.8
mA
VSS_FDA
−3.5
mA
VDD_5V
525
µA
VIO
<1
µA
VLDO
108
µA
Shutdown Current
Inputs grounded
VDD_FDA
PDB_FDA = 0V
32
µA
VSS_FDA
PDB_FDA = 0V
−25.2
µA
VDD_5V
ADC in shutdown mode
5
µA
VIO
<1
µA
VLDO
EN_LDO = 0V, ADC in shutdown mode
0.8
µA
Operating Current
2MSPS, Input = −0.5dBFS
VDDH
VDDH = +18V
10
mA
VSSH
VSSH = −18V
−9.8
mA
VDD_5V
VDD_5V = 5.4V
2.5
3.2
mA
VDD_FDA
VDD_FDA = 5.4V
5.6
7.5
mA
VSS_FDA
VSS_FDA = 0V
−7.5
−5.6
mA
VIO
VIO = 1.8V, 1-lane SDO
0.8
mA
VLDO
VLDO = 5.4V
8
10.5
mA
Power Dissipation
2MSPS
445
mW
tRESET_DELAY
After power-on, delay from VDD_5V and
VDD_1.8V valid to RST assertion
3
ms
tRESET_PW
RST pulse width
50
ns
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+105
°C
1 These specification are not production tested but are supported by characterization data during initial product release.
2 The acquisition phase is the time available for the input sampling capacitors to acquire a new input with the ADC running at a throughput rate of 2MSPS.
3 See the low frequency noise plot in Figure 63. 1/f noise is canceled internally by auto-zeroing. Noise spectral density is substantially uniform from DC to fS/2.
4 Drop-out voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage.
5 Start-up time is defined as the time between the rising edge of EN_LDO to VDD_1.8V being at 90% of its nominal value.
6 When VIO < 1.4 V, Bit IO2X must be set to 1. For more details, see the Output Driver Register section.
TIMING SPECIFICATIONS
VDDH = 18V, VSSH = −18V, VDD_FDA = 5.4V, VSS_FDA = 0V, VDD_5V = 5.4V, VLDO = 5.4V, VIO = 1.8V, REFIN = 5V, fS = 2MSPS and all
specifications are TMIN to TMAX, unless otherwise noted. For the timing voltage levels, see Figure 2. For VIO < 1.4V, Bit IO2X must be set to 1.
Table 2. Digital Timing Interface
Parameter1
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
264
282
300
ns
Acquisition Phase2
tACQ
244
260
275
ns
Time Between Conversions
tCYC
500
ns
CNV High Time
tCNVH
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com