Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 2 Page - Analog Devices

  ADAQ4216BBCZ Datasheet HTML 1Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 2Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 3Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 4Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 5Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 6Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 7Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 8Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Data Sheet
ADAQ4216
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 61
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................3
Specifications........................................................ 4
Timing Specifications......................................... 7
Absolute Maximum Ratings.................................12
Thermal Resistance......................................... 12
Electrostatic Discharge (ESD) Ratings.............12
ESD Caution.....................................................12
Pin Configurations and Function Descriptions.....13
Typical Performance Characteristics................... 15
Terminology......................................................... 27
Theory of Operation.............................................28
Overview.......................................................... 28
Transfer Function............................................. 28
Signal Chain Operation.................................... 29
Digital Sample Processing Features................ 29
Applications Information...................................... 31
Typical Application Diagram............................. 31
Reference Circuitry Design ............................. 36
ADC Reset....................................................... 37
Power Supplies................................................ 37
Serial Interface.................................................... 39
SPI Signals.......................................................39
Sample Conversion Timing and Data
Transfer.......................................................... 41
Clocking Modes ...............................................42
Data Clocking Requirements and Timing.........45
Layout Guidelines................................................50
Registers............................................................. 51
Register Details................................................... 52
Interface Configuration A Register................... 52
Interface Configuration B Register................... 52
Device Configuration Register..........................53
Chip Type Register...........................................53
Product ID Low Register.................................. 53
Product ID High Register..................................53
Chip Grade Register.........................................54
Scratch Pad Register....................................... 54
SPI Revision Register...................................... 54
Vendor ID Low Register................................... 55
Vendor ID High Register...................................55
Stream Mode Register..................................... 55
Interface Status A Register.............................. 55
EXIT Configuration Mode Register...................56
Averaging Mode Register.................................56
Offset Registers................................................56
Gain Registers..................................................57
Modes Register................................................ 57
Internal Oscillator Register............................... 58
Output Driver Register......................................58
Test Pattern Registers...................................... 59
Digital Diagnostics Register............................. 60
Digital Errors Register...................................... 60
Outline Dimensions............................................. 61
Ordering Guide.................................................61
Evaluation Boards............................................ 61
REVISION HISTORY
1/2025—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com