Electronic Components Datasheet Search
  English  ▼

X  

ADAQ4216BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADAQ4216BBCZ
Description  16-Bit, 2MSPS, μModule Data-Acquisition Solution
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAQ4216BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADAQ4216BBCZ Datasheet HTML 48Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 49Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 50Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 51Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 52Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 53Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 54Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 55Page - Analog Devices ADAQ4216BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
Data Sheet
ADAQ4216
REGISTER DETAILS
analog.com
Rev. 0 | 52 of 61
INTERFACE CONFIGURATION A REGISTER
Address: 0x00, Reset: 0x10, Name: INTERFACE_CONFIG_A
Interface configuration settings.
Table 17. Bit Descriptions for INTERFACE_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
SW_RESET
One of two of SW_RESET bits. This bit appears in two locations in this register. Both locations must be
written at the same time to trigger a software reset of the part. All registers except for this register are reset
to their default values.
0x0
R/W
6
RESERVED
Reserved.
0x0
R
5
ADDR_ASCENSION
Determines sequential addressing behavior.
0x0
R
0: Address accessed is decremented by one for each data byte when streaming.
1: Not a valid option.
4
SDO_ENABLE
SDO Pin Enable.
0x1
R
[3:1]
RESERVED
Reserved.
0x0
R
0
SW_RESETX
Two of two of SW_RESET bits. This bit appears in two locations in this register. Both locations must be
written at the same time to trigger a software reset of the part. All registers except for this register are reset
to their default values.
0x0
R/W
INTERFACE CONFIGURATION B REGISTER
Address: 0x01, Reset: 0x00, Name: INTERFACE_CONFIG_B
Additional interface configuration settings.
Table 18. Bit Descriptions for INTERFACE_CONFIG_B
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INST
Select streaming or single instruction mode.
0x0
R/W
0: Streaming mode is enabled. The address decrements as successive data bytes are received.
1: Single instruction mode is enabled.
6
STALLING
Reserved for Stalling Feature.
0x0
R/W
[5:4]
RESERVED
Reserved.
0x0
R
3
SHORT_INSTRUCTION
Set the instruction phase address to 7 bits or 15 bits.
0x0
R
0: 15-bit addressing.
1: 7-bit addressing.
[2:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com