Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 52 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD6655 Datasheet HTML 48Page - Analog Devices AD6655 Datasheet HTML 49Page - Analog Devices AD6655 Datasheet HTML 50Page - Analog Devices AD6655 Datasheet HTML 51Page - Analog Devices AD6655 Datasheet HTML 52Page - Analog Devices AD6655 Datasheet HTML 53Page - Analog Devices AD6655 Datasheet HTML 54Page - Analog Devices AD6655 Datasheet HTML 55Page - Analog Devices AD6655 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
AD6655
Rev. 0 | Page 52 of 84
Addr.
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x0D
Test Mode
(Local)
Open
Open
Reset
PN long
sequence
Reset
PN short
sequence
Open
Output test mode
000 = off (default)
001 = midscale short
010 = positive FS
011 = negative FS
100 = alternating
checkerboard
101 = PN long sequence
110 = PN short sequence
111 = one/zero word
toggle
0x00
When
enabled, the
test data is
placed on the
output pins
in place of
ADC output
data
0x10
Offset Adjust
(Local)
Open
Open
Offset adjust in LSBs from +31 to -32 (twos complement format)
0x00
0x14
Output Mode
Drive
strength
0 V to 3.3
V CMOS or
ANSI
LVDS;
1 V to 1.8
V CMOS or
reduced
LVDS
(global)
Output
type
0 = CMOS
1 = LVDS
(global)
Interleaved
CMOS
(global)
Output
enable
bar (local)
Open
Output
invert
(local)
00 = offset binary
01 = twos complement
01 = gray code
11 = offset binary
(local)
0x00
Configures
the outputs
and the
format of
the data
0x16
Clock Phase
Control
(Global)
Invert
DCO clock
Open
Open
Open
Open
Input clock divider phase adjust
000 = no delay
001 = 1 input clock cycle
010 = 2 input clock cycles
011 = 3 input clock cycles
100 = 4 input clock cycles
101 = 5 input clock cycles
110 = 6 input clock cycles
111 = 7 input clock cycles
0x00
Allows
selection of
clock delays
into the input
divider
0x17
DCO Output
Delay
(Global)
Open
Open
Open
DCO clock delay
(delay = 2500 ps × register value/31)
00000 = 0 ps
00001 = 81 ps
00010 = 161 ps
…
11110 = 2419 ps
11111 = 2500 ps
0x00
0x18
VREF Select
(Global)
Reference voltage
selection
00 = 1.25 V p-p
01 = 1.5 V p-p
10 = 1.75 V p-p
11 = 2.0 V p-p
(default)
Open
Open
Open
Open
Open
Open
0xC0
Digital Feature Control Registers
0x100
Sync Control
(Global)
Signal
monitor
sync
enable
Half-band
next sync
only
Half-band
sync
enable
NCO32
next sync
only
NCO32
sync
enable
Clock
divider
next
sync
only
Clock
divider
sync
enable
Master sync
enable
0x00
0x101
fS/8 Output
Mix Control
(Global)
Open
Open
fS/8 start state
Open
Open
fS/8 next
sync only
fS/8 sync
enable
0x00
0x102
FIR Filter and
Output Mode
Control
(Global)
Open
Open
Open
Open
FIR gain
0 = gain of
2
1 = gain of
1
fS/8
output
mix
disable
Complex
output
enable
FIR filter
enable
0x00
0x103
Digital Filter
Control
(Global)
Open
Open
Open
Open
Half-band
decimation
phase
Spectral
reversal
High-pass/
low-pass
select
Open
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com