Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 58 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 58 Page - Analog Devices

Back Button AD6655 Datasheet HTML 54Page - Analog Devices AD6655 Datasheet HTML 55Page - Analog Devices AD6655 Datasheet HTML 56Page - Analog Devices AD6655 Datasheet HTML 57Page - Analog Devices AD6655 Datasheet HTML 58Page - Analog Devices AD6655 Datasheet HTML 59Page - Analog Devices AD6655 Datasheet HTML 60Page - Analog Devices AD6655 Datasheet HTML 61Page - Analog Devices AD6655 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 84 page
background image
AD6655
Rev. 0 | Page 58 of 84
NCO Phase Offset (Register 0x122 and Register 0x123)
Bit 0—NCO32 Enable
Register 0x122, Bits[7:0]—NCO Phase Value[7:0]
When Bit 0 is set, this bit enables the 32-bit NCO operating at
the frequency programmed into the NCO frequency register.
When Bit 0 is cleared, the NCO is bypassed and shuts down for
power savings.
Register 0x123, Bits[7:0]—NCO Phase Value[15:8]
The 16-bit value programmed into the NCO phase value register
is loaded into the NCO block each time the NCO is started or
when an NCO SYNC signal is received. This process allows the
NCO to be started with a known nonzero phase.
NCO Frequency (Register 0x11E to Register 0x121)
Register 0x11E, Bits[7:0]—NCO Frequency Value[7:0]
Register 0x11F, Bits[7:0]—NCO Frequency Value[15:8]
Use the following equation to calculate the NCO phase offset
value:
Register 0x120, Bits[7:0]—NCO Frequency Value[23:16]
NCO_PHASE = 216 × PHASE/360
Register 0x121, Bits[7:0]—NCO Frequency Value[31:24]
where:
NCO_PHASE is a decimal number equal to the 16-bit binary
number to be programmed at Register 0x122 and Register 0x123.
PHASE is the desired NCO phase in degrees.
This 32-bit value is used to program the NCO tuning frequency.
The frequency value to be programmed is given by the
following equation:
CLK
CLK
f
f
f
Mod
NCO_FREQ
)
,
(
2
32
×
=
where:
NCO_FREQ is a 32-bit twos complement number representing
the NCO frequency register.
f is the desired carrier frequency in hertz (Hz).
fCLK is the AD6655 ADC clock rate in hertz (Hz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com