Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 56 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD6655 Datasheet HTML 52Page - Analog Devices AD6655 Datasheet HTML 53Page - Analog Devices AD6655 Datasheet HTML 54Page - Analog Devices AD6655 Datasheet HTML 55Page - Analog Devices AD6655 Datasheet HTML 56Page - Analog Devices AD6655 Datasheet HTML 57Page - Analog Devices AD6655 Datasheet HTML 58Page - Analog Devices AD6655 Datasheet HTML 59Page - Analog Devices AD6655 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
AD6655
Rev. 0 | Page 56 of 84
Digital Filter Control (Register 0x103)
Bits[7:4]—Reserved
Bit 3—Half-Band Decimation Phase
When set high, Bit 3 uses the alternate phase of the decimating
half-band filter.
Bit 2—Spectral Reversal
Bit 2 enables the spectral reversal feature of the half-band filter.
Bit 1—High-Pass/Low-Pass Select
Bit 1 enables the high-pass mode of the half-band filter when
set high. Setting this bit low enables the low-pass mode (default).
Bit 0—Reserved
Bit 0 reads back as a 1.
Fast Detect Control (Register 0x104)
Bits[7:4]—Reserved
Bits[3:1]—Fast Detect Mode Select
Bits[3:1] set the mode of the fast detect output bits according to
Table 29.
Bit 0—Fast Detect Enable
Bit 0 is used to enable the fast detect output pins. When the FD
outputs are disabled, the outputs go into a high impedance state.
In LVDS mode when the outputs are interleaved, the outputs go
high-Z only if both channels are turned off (power-down/
standby/output disabled). If only one channel is turned off
(power-down/standby/output disabled), the fast detect outputs
repeat the data of the active channel.
Coarse Upper Threshold (Register 0x105)
Bits[7:3]—Reserved
Bits[2:0]—Coarse Upper Threshold
These bits set the level required to assert the coarse upper
threshold indication (see Table 25).
Fine Upper Threshold (Register 0x106 and Register 0x107)
Register 0x107, Bits[7:5]—Reserved
Register 0x107, Bits[4:0]—Fine Upper Threshold Bits[12:8]
Register 0x106, Bits[7:0]—Fine Upper Threshold Bits[7:0]
These registers provide a fine upper limit threshold. The 13-bit
value is compared to the 13-bit magnitude from the ADC block.
If the ADC magnitude exceeds this threshold value, the F_UT
indicator is set.
Fine Lower Threshold (Register 0x108 and Register 0x109)
Register 0x109, Bits[7:5]—Reserved
Register 0x109, Bits[4:0]—Fine Lower Threshold Bits[12:8]
Register 0x108, Bits[7:0]—Fine Lower Threshold Bits[7:0]
These registers provide a fine lower limit threshold. This 13-bit
value is compared with the 13-bit magnitude from the ADC
block. If the ADC magnitude is less than this threshold value,
the F_LT indicator is set.
Increase Gain Dwell Time (Register 0x10A and
Register 0x10B)
Register 0x10B, Bits[7:0]—Increase Gain Dwell Time
Bits[15:8]
Register 0x10A, Bits[7:0]—Increase Gain Dwell Time
Bits[7:0]
These register values set the minimum time in ADC sample
clock cycles (after clock divider) that a signal needs to stay below
the fine lower threshold limit before the F_LT and IG are
asserted high.
Signal Monitor DC Correction Control (Register 0x10C)
Bit 7—Reserved
Bit 6—DC Correction Freeze
When Bit 6 is set high, the dc correction is no longer updated to
the signal monitor block, which holds the last dc value
calculated.
Bits[5:2]—DC Correction Bandwidth
Bits[5:2] set the averaging time of the signal monitor dc
correction function. This 4-bit word sets the bandwidth of the
correction block, according to the following equation:
π
×
×
=
−
−
2
2
_
_
14
k
CLK
f
BW
Corr
DC
where:
k is the 4-bit value programmed in Bits[5:2] of Register 0x10C
(values between 0 and 13 are valid for k; programming 14 or 15
provides the same result as programming 13).
fCLK is the AD6655 ADC sample rate in hertz (Hz).
Bit 1—DC Correction for Signal Path Enable
Setting this bit high causes the output of the dc measurement
block to be summed with the data in the signal path to remove
the dc offset from the signal path.
Bit 0—DC Correction for Signal Monitor Enable
This bit enables the dc correction function in the signal monitor
block. The dc correction is an averaging function that can be
used by the signal monitor to remove dc offset in the signal.
Removing this dc from the measurement allows a more
accurate power reading.
Signal Monitor DC Value Channel A (Register 0x10D and
Register 0x10E)
Register 0x10E, Bits[7:6]—Reserved
Register 0x10E, Bits[5:0]—DC Value Channel A[13:8]
Register 0x10D, Bits[7:0]—DC Value Channel A[7:0]
These read-only registers hold the latest dc offset value computed
by the signal monitor for Channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com