Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 62 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6655 Datasheet HTML 58Page - Analog Devices AD6655 Datasheet HTML 59Page - Analog Devices AD6655 Datasheet HTML 60Page - Analog Devices AD6655 Datasheet HTML 61Page - Analog Devices AD6655 Datasheet HTML 62Page - Analog Devices AD6655 Datasheet HTML 63Page - Analog Devices AD6655 Datasheet HTML 64Page - Analog Devices AD6655 Datasheet HTML 65Page - Analog Devices AD6655 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
AD6655
Rev. 0 | Page 62 of 84
DEFAULT OPERATION AND JUMPER SELECTION
SETTINGS
The following is a list of the default and optional settings or
modes allowed on the AD6655 evaluation board.
POWER
Connect the switching power supply that is provided in the
evaluation kit between a rated 100 V ac to 240 V ac wall outlet
at 47 Hz to 63 Hz and P500.
VIN
The evaluation board is set up for a double balun configuration
analog input with optimum 50 Ω impedance matching from
70 MHz to 200 MHz. For more bandwidth response, the differ-
ential capacitor across the analog inputs can be changed or
removed (see Table 14). The common mode of the analog inputs
is developed from the center tap of the transformer via the CML
pin of the ADC (see the Analog Input Considerations section).
VREF
VREF is set to 1.0 V by tying the SENSE pin to ground by adding
a jumper on Header J5 (Pin 1 to Pin 2). This causes the ADC to
operate in 2.0 V p-p full-scale range. To place the ADC in 1.0 V p-p
mode (VREF = 0.5 V), a jumper should be placed on Header J4.
A separate external reference option is also included on the evalua-
tion board. To use an external reference, connect J6 (Pin 1 to Pin 2)
and provide an external reference at TP5. Proper use of the VREF
options is detailed in the Voltage Reference section.
RBIAS
RBIAS requires a 10 kΩ resistor (R503) to ground and is used to
set the ADC core bias current.
CLOCK
The default clock input circuitry is derived from a simple balun-
coupled circuit using a high bandwidth 1:1 impedance ratio balun
(T5) that adds a very low amount of jitter to the clock path. The
clock input is 50 Ω terminated and ac-coupled to handle single-
ended sine wave inputs. The transformer converts the single-ended
input to a differential signal that is clipped before entering the
ADC clock inputs. When the AD6655 input clock divider is
utilized, clock frequencies up to 625 MHz can be input into the
evaluation board through Connector S5.
PDWN
To enable the power-down feature, connect J7, shorting the
PDWN pin to AVDD.
CSB
The CSB pin is internally pulled up, setting the chip into
external pin mode, to ignore the SDIO and SCLK information.
To connect the control of the CSB pin to the SPI circuitry on the
evaluation board, connect J21, Pin 1 to J21, Pin 2.
SCLK/DFS
If the SPI port is in external pin mode, the SCLK/DFS pin sets the
data format of the outputs. If the pin is left floating, the pin is inter-
nally pulled down, setting the default data format condition to
offset binary. Connecting J2, Pin 1 to J2, Pin 2 sets the format to
twos complement. If the SPI port is in serial pin mode, connecting
J2, Pin 2 to J2, Pin 3 connects the SCLK pin to the on-board SPI
circuitry (see the Serial Port Interface (SPI) section).
SDIO/DCS
If the SPI port is in external pin mode, the SDIO/DCS pin sets
the duty cycle stabilizer. If the pin is left floating, the pin is
internally pulled up, setting the default condition to DCS enabled.
To disable the DCS, connect J1, Pin 1 to J1, Pin 2. If the SPI port
is in serial pin mode, connecting J1, Pin 2 to J1, Pin 3 connects
the SDIO pin to the on-board SPI circuitry (see the Serial Port
Interface (SPI) section).
ALTERNATIVE CLOCK CONFIGURATIONS
Two alternate clocking options are provided on the AD6655
evaluation board. The first option is to use an on-board crystal
oscillator (Y1) to provide the clock input to the part. To enable
this crystal, Resistor R8 (0 Ω) and Resistor R85 (10 kΩ) should
be installed, and Resistor R82 and Resistor R30 should be removed.
A second clock option is to use a differential LVPECL clock to
drive the ADC input using the AD9516 (U2). When using this
drive option, the AD9516 charge pump filter components need
to be populated (see Figure 89). Consult the AD9516 data sheet
for more information.
To configure the clock input from S5 to drive the AD9516
reference input instead of directly driving the ADC, the
following components need to be added, removed, and/or
changed.
1.
Remove R32, R33, R99, and R101 in the default
clock path.
2.
Populate C78 and C79 with 0.001 μF capacitors and
R78 and R79 with 0 Ω resistors in the clock path.
In addition, unused AD9516 outputs (one LVDS and one LVPECL)
are routed to optional Connector S8 through Connector S11 on
the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com