Electronic Components Datasheet Search
  English  ▼

X  

AD6655 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6655
Description  IF Diversity Receiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6655 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6655 Datasheet HTML 23Page - Analog Devices AD6655 Datasheet HTML 24Page - Analog Devices AD6655 Datasheet HTML 25Page - Analog Devices AD6655 Datasheet HTML 26Page - Analog Devices AD6655 Datasheet HTML 27Page - Analog Devices AD6655 Datasheet HTML 28Page - Analog Devices AD6655 Datasheet HTML 29Page - Analog Devices AD6655 Datasheet HTML 30Page - Analog Devices AD6655 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
AD6655
Rev. 0 | Page 27 of 84
0
–120
–100
–80
–60
–40
–20
–90
–78
–66
–54
–42
–30
–18
–6
INPUT AMPLITUDE (dBFS)
SFDR (dBc)
SFDR (dBFS)
IMD3 (dBFS)
IMD3 (dBc)
Figure 37. AD6655-150 Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 169.12 MHz, fIN2 = 172.12 MHz, fS = 150 MSPS, fNCO = 177 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
5
10
15
20
25
30
FREQUENCY (MHz)
Figure 38. AD6655-125, Two 64k WCDMA Carriers with fIN = 170 MHz,
fS = 122.88 MHz, fNCO = 168.96 MHz
0
–20
–40
–60
–80
–100
–120
–140
035
5
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
29.12MHz @ –7dBFS
32.12MHz @ –7dBFS
SFDR = 89.1dBc (96.1dBFS)
fNCO = 22MHz
Figure 39. AD6655-150 Two-Tone FFT with fIN1 = 29.12 MHz, fIN2 = 32.12 MHz,
fS = 150 MSPS, fNCO = 22 MHz
0
–20
–40
–60
–80
–100
–120
–140
03
30
25
20
15
10
5
FREQUENCY (MHz)
150MSPS
169.12MHz @ –7dBFS
172.12MHz @ –7dBFS
SFDR = 85.5dBc (92.5dBFS)
fNCO = 177MHz
Figure 40. AD6655-150 Two Tone FFT with fIN1 = 169.12 MHz,
fIN2 = 172.12 MHz, fS = 150 MSPS, fNCO = 177 MHz
0
–20
–40
–60
–80
–100
–120
–140
03
30.0
22.5
15.0
7.5
FREQUENCY (MHz)
7.5
NPR = 64.5dBc
NOTCH @ 18.5MHz
NOTCH WIDTH = 3MHz
Figure 41. AD6655-150 Noise Power Ratio (NPR)
95
85
75
65
0
25
50
75
100
125
150
SAMPLE RATE (MSPS)
SFDR (dBc)
SNR (dBc)
Figure 42. AD6655-150 Single-Tone SNR/SFDR vs. Sample Rate (fs) with
fIN = 2.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com