Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 13Page - NXP Semiconductors PCA9535CD Datasheet HTML 14Page - NXP Semiconductors PCA9535CD Datasheet HTML 15Page - NXP Semiconductors PCA9535CD Datasheet HTML 16Page - NXP Semiconductors PCA9535CD Datasheet HTML 17Page - NXP Semiconductors PCA9535CD Datasheet HTML 18Page - NXP Semiconductors PCA9535CD Datasheet HTML 19Page - NXP Semiconductors PCA9535CD Datasheet HTML 20Page - NXP Semiconductors PCA9535CD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
17 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
8.1 Minimizing IDD when the I/Os are used to control LEDs
When the PCA9535 I/Os are used to control LEDs, they are normally connected to VDD
through a resistor as shown in Figure 17. Since the LED acts as a diode, when the LED is
off the I/O VI is about 1.2 V less than VDD. The supply current, IDD, increases as VI
becomes lower than VDD.
Designs needing to minimize current consumption, such as battery power applications,
should consider maintaining the I/O pins greater than or equal to VDD when the LED is off.
Figure 18 shows a high value resistor in parallel with the LED. Figure 19 shows VDD less
than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O VI at
or above VDD and prevents additional supply current consumption when the LED is off.
This concern does not occur in the case of PCA9535C because the I/O pins are
open-drain.
9.
Limiting values
Fig 18. High value resistor in parallel with
the LED
Fig 19. Device supplied by a lower voltage
002aac189
LED
VDD
LEDn
100 k
Ω
VDD
002aac190
LED
VDD
LEDn
3.3 V
5 V
Table 13.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.0
V
VI/O
voltage on an input/output pin
VSS − 0.5
6
V
IO
output current
on an I/O pin
-
±50
mA
II
input current
-
±20
mA
IDD
supply current
-
160
mA
ISS
ground supply current
-
200
mA
Ptot
total power dissipation
-
200
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com