Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 14Page - NXP Semiconductors PCA9535CD Datasheet HTML 15Page - NXP Semiconductors PCA9535CD Datasheet HTML 16Page - NXP Semiconductors PCA9535CD Datasheet HTML 17Page - NXP Semiconductors PCA9535CD Datasheet HTML 18Page - NXP Semiconductors PCA9535CD Datasheet HTML 19Page - NXP Semiconductors PCA9535CD Datasheet HTML 20Page - NXP Semiconductors PCA9535CD Datasheet HTML 21Page - NXP Semiconductors PCA9535CD Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
18 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
10. Static characteristics
[1]
VDD must be lowered to 0.2 V for at least 5 µs in order to reset part.
Table 14.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
Operating mode; VDD = 5.5 V;
no load; fSCL = 100 kHz; I/O = inputs
-
135
200
µA
Istb
standby current
Standby mode; VDD = 5.5 V; no load;
VI =VSS; fSCL = 0 kHz; I/O = inputs
-
0.25
1
µA
Standby mode; VDD = 5.5 V; no load;
VI =VDD; fSCL = 0 kHz; I/O = inputs
-
0.25
1
µA
VPOR
power-on reset voltage[1]
no load; VI =VDD or VSS
-
1.5
1.65
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
IL
leakage current
VI =VDD =VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
6
10
pF
I/Os
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
IOL
LOW-level output current
VDD = 2.3 V to 5.5 V; VOL = 0.5 V
[2] 810
-
mA
VDD = 2.3 V to 5.5 V; VOL = 0.7 V
[2] 10
14
-
mA
VOH
HIGH-level output voltage
PCA9535 only
IOH = −8 mA; VDD = 2.3 V
[3] 1.8
-
-
V
IOH = −10 mA; VDD = 2.3 V
[3] 1.7
-
-
V
IOH = −8 mA; VDD = 3.0 V
[3] 2.6
-
-
V
IOH = −10 mA; VDD = 3.0 V
[3] 2.5
-
-
V
IOH = −8 mA; VDD = 4.75 V
[3] 4.1
-
-
V
IOH = −10 mA; VDD = 4.75 V
[3] 4.0
-
-
V
ILIH
HIGH-level input leakage current VDD = 5.5 V; VI =VDD
--
1
µA
ILIL
LOW-level input leakage current VDD = 5.5 V; VI =VSS
--
−1
µA
Ci
input capacitance
-
3.7
5
pF
Co
output capacitance
-
3.7
5
pF
Interrupt INT
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
Select inputs A0, A1, A2
VIL
LOW-level input voltage
−0.5
-
+0.3VDD V
VIH
HIGH-level input voltage
0.7VDD
-
5.5
V
ILI
input leakage current
−1-
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com