Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 12Page - NXP Semiconductors PCA9535CD Datasheet HTML 13Page - NXP Semiconductors PCA9535CD Datasheet HTML 14Page - NXP Semiconductors PCA9535CD Datasheet HTML 15Page - NXP Semiconductors PCA9535CD Datasheet HTML 16Page - NXP Semiconductors PCA9535CD Datasheet HTML 17Page - NXP Semiconductors PCA9535CD Datasheet HTML 18Page - NXP Semiconductors PCA9535CD Datasheet HTML 19Page - NXP Semiconductors PCA9535CD Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
16 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
8.
Application design-in information
Device address configured as 1110 100xb for this example.
IO0_0, IO0_2, IO0_3 configured as outputs.
IO0_1, IO0_4, IO0_5 configured as inputs.
IO0_6, IO0_7, and IO1_0 to IO1_7 configured as inputs.
Fig 17. Typical application
PCA9535
IO0_0
IO0_1
SCL
SDA
VDD
(5 V)
MASTER
CONTROLLER
SCL
SDA
INT
IO0_2
VDD
A2
A1
A0
VDD
GND
INT
10 k
Ω
SUB-SYSTEM 1
(e.g., temp sensor)
IO0_3
INT
SUB-SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g., CBT device)
VDD
A
B
ENABLE
SUB-SYSTEM 3
(e.g., alarm system)
ALARM
IO0_4
IO0_5
IO0_6
10 DIGIT
NUMERIC
KEYPAD
VSS
002aac225
10 k
Ω
10 k
Ω
2 k
Ω
100 k
Ω
(
×3)
IO0_7
IO1_0
IO1_1
IO1_2
IO1_3
IO1_4
IO1_5
IO1_6
IO1_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com