Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 7Page - NXP Semiconductors PCA9535CD Datasheet HTML 8Page - NXP Semiconductors PCA9535CD Datasheet HTML 9Page - NXP Semiconductors PCA9535CD Datasheet HTML 10Page - NXP Semiconductors PCA9535CD Datasheet HTML 11Page - NXP Semiconductors PCA9535CD Datasheet HTML 12Page - NXP Semiconductors PCA9535CD Datasheet HTML 13Page - NXP Semiconductors PCA9535CD Datasheet HTML 14Page - NXP Semiconductors PCA9535CD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
11 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
6.5.2 Reading the port registers
In order to read data from the PCA9535/PCA9535C, the bus master must first send the
PCA9535/PCA9535C address with the least significant bit set to a logic 0 (see Figure 6
“PCA9535; PCA9535C device address”). The command byte is sent after the address and
determines which register will be accessed. After a restart, the device address is sent
again, but this time the least significant bit is set to a logic 1. Data from the register
defined by the command byte will then be sent by the PCA9535/PCA9535C (see
Figure 10, Figure 11 and Figure 12). Data is clocked into the register on the falling edge of
the acknowledge clock pulse. After the first byte is read, additional bytes may be read but
the data will now reflect the information in the other register in the pair. For example, if you
read Input Port 1, then the next byte read would be Input Port 0. There is no limitation on
the number of data bytes received in one read transmission but the final byte received, the
bus master must not acknowledge the data.
Remark: Transfer can be stopped at any time by a STOP condition.
Fig 10. Read from register
A
S
START condition
R/W
acknowledge
from slave
002aac222
A
acknowledge
from slave
SDA
A
P
acknowledge
from master
DATA (first byte)
slave address
STOP
condition
S
(repeated)
START condition
(cont.)
(cont.)
1
0
0
A2 A1 A0
1
A
0
R/W
acknowledge
from slave
slave address
at this moment master-transmitter becomes master-receiver
and slave-receiver becomes slave-transmitter
NA
no acknowledge
from master
COMMAND BYTE
1
0
0
A2 A1 A0
0
0
data from lower or
upper byte of register
LSB
MSB
DATA (last byte)
data from upper or
lower byte of register
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com