Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 21Page - NXP Semiconductors PCA9535CD Datasheet HTML 22Page - NXP Semiconductors PCA9535CD Datasheet HTML 23Page - NXP Semiconductors PCA9535CD Datasheet HTML 24Page - NXP Semiconductors PCA9535CD Datasheet HTML 25Page - NXP Semiconductors PCA9535CD Datasheet HTML 26Page - NXP Semiconductors PCA9535CD Datasheet HTML 27Page - NXP Semiconductors PCA9535CD Datasheet HTML 28Page - NXP Semiconductors PCA9535CD Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
25 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Fig 28. Package outline SOT994-1 (HWQFN24)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT994-1
- - -
MO-220
- - -
SOT994-1
07-02-07
07-03-03
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
UNIT
A(1)
max
mm
0.8
0.05
0.00
0.30
0.18
4.1
3.9
2.25
1.95
4.1
3.9
2.25
1.95
2.5
2.5
0.1
A1
DIMENSIONS (mm are the original dimensions)
HWQFN24: plastic thermal enhanced very very thin quad flat package; no leads;
24 terminals; body 4 x 4 x 0.75 mm
0
2.5
5 mm
scale
b
c
0.2
D(1)
Dh
E(1)
Eh
e
0.5
e1
e2
L
0.5
0.3
v
w
0.05
y
0.05
y1
0.1
B
A
terminal 1
index area
E
D
detail X
A
A1
c
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
∅ v M
C
∅ w M
terminal 1
index area
6
13
12
7
18
24
19
1
L
Eh
Dh
C
y
C
y1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com