Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 15Page - NXP Semiconductors PCA9535CD Datasheet HTML 16Page - NXP Semiconductors PCA9535CD Datasheet HTML 17Page - NXP Semiconductors PCA9535CD Datasheet HTML 18Page - NXP Semiconductors PCA9535CD Datasheet HTML 19Page - NXP Semiconductors PCA9535CD Datasheet HTML 20Page - NXP Semiconductors PCA9535CD Datasheet HTML 21Page - NXP Semiconductors PCA9535CD Datasheet HTML 22Page - NXP Semiconductors PCA9535CD Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
19 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
[2]
Each I/O must be externally limited to a maximum of 25 mA and each octal (IO0_0 to IO0_7 and IO1_0 to IO1_7) must be limited to a
maximum current of 100 mA for a device total of 200 mA.
[3]
The total current sourced by all I/Os must be limited to 160 mA. PCA9535C does not source current and does not have the VOH
specification.
11. Dynamic characteristics
[1]
tVD;ACK = time for acknowledgement signal from SCL LOW to SDA (out) LOW.
[2]
tVD;DAT = minimum time for SDA data out to be valid following SCL LOW.
[3]
Cb = total capacitance of one bus line in pF.
[4]
tv(Q) measured from 0.7VDD on SCL to 50 % I/O output (PCA9535). For PCA9535C, use load circuit shown in Figure 24 and measure
from 0.7VDD on SCL to 30 % I/O output.
Table 15.
Dynamic characteristics
Symbol
Parameter
Conditions
Standard-mode
I2C-bus
Fast-mode I2C-bus
Unit
Min
Max
Min
Max
fSCL
SCL clock frequency
0
100
0
400
kHz
tBUF
bus free time between a STOP and
START condition
4.7
-
1.3
-
µs
tHD;STA
hold time (repeated) START condition
4.0
-
0.6
-
µs
tSU;STA
set-up time for a repeated START
condition
4.7
-
0.6
-
µs
tSU;STO
set-up time for STOP condition
4.0
-
0.6
-
µs
tVD;ACK
data valid acknowledge time
[1]
0.3
3.45
0.1
0.9
µs
tHD;DAT
data hold time
0
-
0
-
ns
tVD;DAT
data valid time
[2]
300
-
50
-
ns
tSU;DAT
data set-up time
250
-
100
-
ns
tLOW
LOW period of the SCL clock
4.7
-
1.3
-
µs
tHIGH
HIGH period of the SCL clock
4.0
-
0.6
-
µs
tf
fall time of both SDA and SCL signals
-
300
20 + 0.1Cb[3]
300
ns
tr
rise time of both SDA and SCL signals
-
1000
20 + 0.1Cb[3]
300
ns
tSP
pulse width of spikes that must be
suppressed by the input filter
-
50
-
50
ns
Port timing
tv(Q)
data output valid time
[4]
-
200
-
200
ns
tsu(D)
data input set-up time
150
-
150
-
ns
th(D)
data input hold time
1
-
1
-
µs
Interrupt timing
tv(INT_N)
valid time on pin INT
-
4
-
4
µs
trst(INT_N)
reset time on pin INT
-
4
-
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com