Electronic Components Datasheet Search
  English  ▼

X  

PCA9535CD Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCA9535CD
Description  16-bit I2C-bus and SMBus, low power I/O port with interrupt
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9535CD Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCA9535CD Datasheet HTML 24Page - NXP Semiconductors PCA9535CD Datasheet HTML 25Page - NXP Semiconductors PCA9535CD Datasheet HTML 26Page - NXP Semiconductors PCA9535CD Datasheet HTML 27Page - NXP Semiconductors PCA9535CD Datasheet HTML 28Page - NXP Semiconductors PCA9535CD Datasheet HTML 29Page - NXP Semiconductors PCA9535CD Datasheet HTML 30Page - NXP Semiconductors PCA9535CD Datasheet HTML 31Page - NXP Semiconductors PCA9535CD Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
PCA9535_PCA9535C_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 4 October 2007
29 of 32
NXP Semiconductors
PCA9535; PCA9535C
16-bit I2C-bus and SMBus, low power I/O port with interrupt
17. Revision history
Table 19.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCA9535_PCA9535C_3
20071004
Product data sheet
-
PCA9535_2
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Added device PCA9535C
• Added HWQFN24 (SOT994-1) package option for PCA9535
• Figure 1 “Block diagram of PCA9535; PCA9535C”: changed text above resistor from “VINT”
to “VDD”
• Section 5 “Pinning information”:
– changed pin naming convention from “I/O0.n” to “IO0_n” (and “I/O1.n” to “IO1_n”) for all
input/output port pins
– added separate pinning diagrams for SO24, TSSOP24, HVQFN24 and HWQFN24
– Table 3 “Pin description”: added Table note 2 and its reference at HVQFN24/HWQFN24
pin 9 (VSS)
• Figure 10 “Read from register”: corrected slave address which follows (re)START from
“0010,A2,A1,A0” to “0100,A2,A1,A0”
• Section 6.4 “I/O port”: first paragraph rewritten
• Figure 7 “Simplified schematic of I/Os”: added dashed line area and Figure note 1
• Figure 17 “Typical application”: added pin A2
• Section 8.1 “Minimizing IDD when the I/Os are used to control LEDs”: rewritten to show
difference between PCA9535 and PCA9535C
• Table 13 “Limiting values”:
– changed parameter description of VI/O from “DC input current on an I/O” to “voltage on
an input/output pin”
– changed symbol “II/O, DC output current on an I/O” to “IO, output current” (and added “on
I/O pin” under Conditions)
– changed parameter description of ISS from “supply current” to “ground supply current”
• Table 14 “Static characteristics”, subsection “I/Os”:
– symbol VOH: added condition that this test is for PCA9535 only
– symbol IOL, condition VOL = 0.5 V: changed Typ value from “(8 to 20) mA” to “10 mA”
– symbol IOL, condition VOL = 0.7 V: changed Typ value from “(10 to 24) mA” to “14 mA”
– symbol “IIH, input leakage current” changed to “ILIH, HIGH-level input leakage current”
– symbol “IIL, input leakage current” changed to “ILIL, LOW-level input leakage current”
– Table note 1 modified: added “for at least 5
µs”
– Table note 3: added second sentence.
• Table 15 “Dynamic characteristics”:
– changed symbol “tPV, Output data valid” to” tv(Q), data output valid”
– changed symbol “tPS, Input data set-up time” to “tsu(D), data input set-up time”
– changed symbol “tPH, Input data hold time” to “th(D), data input hold time”
– changed symbol “tIV, Interrupt valid” to “tv(INT_N), valid time on pin INT”
– changed symbol “tIR, Interrupt reset” to “trst(INT_N), reset time on pin INT”
– (above symbols also updated in Figure 8, Figure 11, Figure 12)
– Table note 4 modified (regarding PCA9535C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com