Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 108 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 108 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 104Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 105Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 106Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 107Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 108Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 109Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 110Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 111Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 410 page
background image
Page 94
8. I/O Ports
8.2 List of I/O Port Settings
TMP89FS60
RA005
Symbol and
numeric charac-
ters
Meaning
0
Set "0".
1
Set "1".
*
Don’t care
(Operation is the same whether "1" or "0" is selected.)
Without register
There is no register that corresponds to the bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com