Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 109 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 109 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 105Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 106Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 107Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 108Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 109Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 110Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 111Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 112Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 113Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 410 page
background image
Page 95
TMP89FS60
RA005
8.3
I/O Port Registers
8.3.1
Port P0 (P03 to P00)
Port P0 is a 4-bit input/output port that can be set to input or output for each bit individually, and it is also
used as the high-frequency oscillation connection pin and the low-frequency oscillation connection pin.
Port P0 contains a programmable pull-up resistor on the VDD side. This pull-up resistor can be used when
the port is used in the input mode.
Figure 8-2 Port P0 (P00, P01)
Table 8-3
Port P0
----
P03
P02
P01
P00
Secondary
function
----
XTOUT
XTIN
XOUT
XIN
Output latch
(for each bit)
P0DR0 write
P00
(XIN)
R
Note1 : R = 100
Ω (typ.)
Note2 : Rf = 1.2M
Ω (typ.)
Note3 : Ro = 0.5k
Ω (typ.)
Note4 : RIN3 = 50k
Ω (typ.)
P0PRD0 read
Function control
(for each bit)
Input/output control
(for each bit)
P0FC0 write
P0CR0 write
VDD
VDD
Pull-up control
(for each bit)
P0PU0 write
SYSCR2<XEN>
P0DR1 write
P01
(XOUT)
R
RIN3
RIN3
Rf
Ro
P0PRD1 read
System clock reset
(internal factor reset)
P0CR1 write
Programmable
pull-up resistor
Programmable
pull-up resistor
VDD
VDD
P0PU1 write
SYSCR1<STOP>
SYSCR1<OUTEN>
Reset signal
Pull-up control
(for each bit)
Input/output control
(for each bit)
Output latch
(for each bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com