Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 143 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 143 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 139Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 140Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 141Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 142Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 143Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 144Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 145Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 146Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 147Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 410 page
background image
Page 129
TMP89FS60
RA001
10. Low Power Consumption Function for Peripherals
The TMP89FS60 has low power consumption registers (POFFCRn) that save power when specific peripheral
functions are unused. Each bit of the low power consumption registers can be set to enable or disable each peripheral
function. (n = 0, 1, 2, 3)
The basic clock supply to each peripheral function is disabled for power saving, by setting the corresponding bit of
the low power consumption registers (POFFCRn) to "0". (The disabled peripheral functions become unavailable.)
The basic clock supply to each peripheral function is enabled and the function becomes available by setting the cor-
responding bit of the low power consumption registers (POFFCRn) to "1".
After reset, the low power consumption registers (POFFCRn) are initialized to "0", and thus the peripheral func-
tions are unavailable. When each peripheral function is used for the first time, be sure to set the corresponding bit of
the low power consumption registers (POFFCRn) to "1" in the initial settings of the program (before operating the
control register for the peripheral function).
When a peripheral function is operating, the corresponding bit of the low power consumption registers
(POFFCRn) must not be changed to "0". If it is changed, the peripheral function may operate unexpectedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com