Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 143Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 144Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 145Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 146Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 147Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 148Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 149Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 150Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 410 page
background image
Page 133
TMP89FS60
RA001
11. Divider Output (DVO)
This function outputs approximately 50% duty pulses that can be used to drive the piezoelectric buzzer or other
device.
11.1 Configuration
Figure 11-1 Divider Output
11.2 Control
The divider output is controlled by the divider output control register (DVOCR).
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: DVOCR<DVOEN> is cleared to "0" when the operation is switched to STOP or IDLE0/SLEEP0 mode. DVOCR<DVOCK>
holds the value.
Note 3: When SYSCR1<DV9CK> is "1" in the NORMAL 1/2 or IDLE 1/2 mode, the DVO frequency is subject to some fluctuations
to synchronize fs and fcgck.
Note 4: Bits 7 to 3 of DVOCR are read as "0".
11.2.1 Function
Select the divider output frequency at DVOCR<DVOCK>.
Divider output control register
DVOCR
(0x0038)
76543
210
Bit Symbol
-----
DV0EN
DVOCK
Read/Write
RRRRR
R/W
R/W
After reset
00000
000
DVOEN
Enables/disables
the divider output
0: Disable the divider output
1: Enable the divider output
DVOCK
Selects the divider output frequency
Unit: [Hz]
NORMAL 1/2, IDLE 1/2 mode
SLOW1/2
SLEEP1
mode
DV9CK=0
DV9CK=1
00
fcgck/212
fs/25
fs/25
01
fcgck/211
fs/24
fs/24
10
fcgck/210
fs/23
fs/23
11
fcgck/29
Reserved
Reserved
DVOCR
Selector
DVOEN
DVO pin
DVOCK
2
A
B
C
Y
D
S
fcgck/212 or fs/25
fcgck/211 or fs/24
fcgck/210 or fs/23
fcgck/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com