Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 147Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 148Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 149Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 150Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 151Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 152Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 153Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 154Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 410 page
background image
Page 137
TMP89FS60
RA001
12. Time Base Timer (TBT)
The time base timer generates the time base for key scanning, dynamic display and other processes. It also pro-
vides a time base timer interrupt (INTTBT) in a certain cycle.
12.1 Time Base Timer
12.1.1 Configuration
Figure 12-1 Time Base Timer Configuration
12.1.2 Control
The time base timer is controlled by the time base timer control register (TBTCR).
Note 1: fcgck : Gear clock [Hz], fs : Low-frequency clock [Hz]
Note 2: When the operation is changed to the STOP mode, TBTCR<TBTEN> is cleared to "0" and TBTCR<TBTCK> maintains
the value.
Time base timer control register
TBTCR
(0x0039)
76543
210
Bit Symbol
----
TBTEN
TBTCK
Read/Write
RRRR
R/W
R/W
After reset
00000
000
TBTEN
Enables/disables the time base
timer interrupt requests
0: Disables generation of interrupt request signals
1: Enables generation of interrupt request signals
TBTCK
Selects the time base timer interrupt
frequency
Unit: [Hz]
TBTCK
NORMAL 1/2, IDLE 1/2 mode
SLOW1/2, SLEEP1
mode
DV9CK = 0
DV9CK = 1
000
fcgck/222
fs/215
fs/215
001
fcgck/220
fs/213
fs/213
010
fcgck/215
fs/28
Reserved
011
fcgck/213
fs/26
Reserved
100
fcgck/212
fs/25
Reserved
101
fcgck/211
fs/24
Reserved
110
fcgck/210
fs/23
Reserved
111
fcgck/28
Reserved
Reserved
Falling edge
detector
TBTCR
Source clock
TBTEN
TBTCK
3
INTTBT
Interrupt request
IDLE0, SLEEP0
Release request
fcgck/222 or fs/215
fcgck/220 or fs/213
fcgck/215 or fs/28
fcgck/213 or fs/26
fcgck/212 or fs/25
fcgck/211 or fs/24
fcgck/210 or fs/23
fcgck/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com