Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 152 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 152 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 148Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 149Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 150Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 151Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 152Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 153Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 154Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 155Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 156Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 410 page
background image
Page 138
12. Time Base Timer (TBT)
12.1 Time Base Timer
TMP89FS60
RA001
Note 3: TBTCR<TBTCK> should be set when TBTCR<TBTEN> is "0".
Note 4: When SYSCR1<DV9CK> is "1" in the NORMAL 1/2 or IDLE1/2 mode, the interrupt request is subject to some fluctuations
to synchronize fs and fcgck.
Note 5: Bits 7 to 4 of TBTCR are read as "0".
12.1.3 Functions
Select the source clock frequency for the time base timer by TBTCR<TBTCK>. TBTCR<TBTCK> should
be changed when TBTCR<TBTEN> is "0". Otherwise, the INTTBT interrupt request is generated at unex-
pected timing.
Setting TBTCR<TBTEN> to "1" causes interrupt request signals to occur at the falling edge of the source
clock. When TBTCR<TBTEN> is cleared to "0", no interrupt request signal will occur.
When the operation is changed to the STOP mode, TBTCR<TBTEN> is cleared to "0".
The source clock of the time base timer operates regardless of the TBTCR<TBTEN> value.
A time base timer interrupt is generated at the first falling edge of the source clock after a time base timer
interrupt request is enabled. Therefore, the period from when the time TBTCR<TBTEN> is set to "1" to the
time when the first interrupt request occurs is shorter than the frequency period set at TBTCR<TBTCK>.
Figure 12-2 Time Base Timer Interrupt
When the operation is changed from NORMAL mode to SLOW mode or from SLOW mode to NORMAL
mode, The interrupt request will not occur at the expected timing due to synchronization of the gear clock
(fcgck) and the low-frequency clock (fs). It is recommened that the operation mode is changed when
TBTCR<TBTEN> is "0".
Table 12-1 Time Base Timer Interrupt Frequency (Example: when fcgck = 8.0 MHz and fs = 32.768
kHz)
TBTCK
Time base timer interrupt frequency [Hz]
NORMAL1/2, IDLE1/2 mode
NORMAL1/2, IDLE1/2 mode
SLOW1/2, SLEEP1 mode
DV9CK = 0
DV9CK = 1
000
1.91
1
1
001
7.63
4
4
010
244.14
128
Reserved
011
976.56
512
Reserved
100
1953.13
1024
Reserved
101
3906.25
2048
Reserved
110
7812.5
4096
Reserved
111
31250
Reserved
Reserved
Example: Set the time base timer interrupt frequency to fcgck/215 [Hz] and enable interrupts.
Source clock
Time base timer enable
Interrupt period
TBTCR<TBTEN>
INTTBT interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com