Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3440 Datasheet HTML 1Page - Kingbor Technology Co KB3440 Datasheet HTML 2Page - Kingbor Technology Co KB3440 Datasheet HTML 3Page - Kingbor Technology Co KB3440 Datasheet HTML 4Page - Kingbor Technology Co KB3440 Datasheet HTML 5Page - Kingbor Technology Co KB3440 Datasheet HTML 6Page - Kingbor Technology Co KB3440 Datasheet HTML 7Page - Kingbor Technology Co KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Active Quiescent Current
Burst Mode Quiescent Current
Error Amp Source Current
TEMPERATURE (
°C)
–55
400
450
500
550
–25
5
35
65
95
125
VIN = VOUT = 3.6V
TEMPERATURE (
°C)
–55
10
20
30
40
–25
5
35
65
95
125
VIN = VOUT = 3.6V
TEMPERATURE (
°C)
–55
5
10
15
20
–25
5
35
65
95
125
VIN = VOUT = 3.6V
Output Frequency
NMOS RDS(ON)
Feedback Voltage
TEMPERATURE (
°C)
–55
0.90
0.95
1.00
1.05
1.10
–25
5
35
65
95
125
VIN = VOUT = 3.6V
TEMPERATURE (
°C)
–55
0.10
0.15
0.20
0.25
0.30
–25
5
35
65
95
125
VIN = VOUT = 3.6V
SWITCHES B AND C
TEMPERATURE (
°C)
–55
1.196
1.216
1.236
–25
5
35
65
95
125
VIN = VOUT = 3V
Switch Pins in Buck Mode
VOUT Ripple During Buck,
Buck/Boost and Boost Modes
SW1
2V/DIV
SW2
2V/DIV
VIN = 5V
250ns/DIV
VOUT = 3.3V
IOUT = 250mA
Switch Pins in Boost Mode
SW1
2V/DIV
SW2
2V/DIV
VIN = 2.5V
250ns/DIV
VOUT = 3.3V
IOUT = 250mA
VOUT
10mV/DIV
AC Coupled
L = 10
µH1µs/DIV
COUT = 22
µF
IOUT = 250mA
fOSC = 1MHz
Buck
VIN = 5V
Buck/Boost
VIN = 3.78V
Boost
VIN = 2.5V
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com