Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 3 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 3 Page - Kingbor Technology Co

  KB3440 Datasheet HTML 1Page - Kingbor Technology Co KB3440 Datasheet HTML 2Page - Kingbor Technology Co KB3440 Datasheet HTML 3Page - Kingbor Technology Co KB3440 Datasheet HTML 4Page - Kingbor Technology Co KB3440 Datasheet HTML 5Page - Kingbor Technology Co KB3440 Datasheet HTML 6Page - Kingbor Technology Co KB3440 Datasheet HTML 7Page - Kingbor Technology Co KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Li-Ion to 3.3V Efficiency
(fOSC = 300kHz)
OUTPUT CURRENT (mA)
30
90
100
20
80
50
70
60
40
0.1
10
100
1000
1
Burst Mode
OPERATION
VIN = 3.3V
VIN = 2.5V
VIN = 4.2V
0.1
1
10
100
1000
fOSC = 1MHz
VIN = 3.3V
OUTPUT CURRENT (mA)
30
90
100
20
80
50
70
60
40
0.1
10
100
1000
1
Burst Mode
OPERATION
VIN = 2.5V
VIN = 3.3V
fOSC = 2MHz
VIN = 4.2V
Li-Ion to 3.3V Efficiency,
Power Loss (fOSC = 1MHz)
Li-Ion to 3.3V Efficiency
(fOSC = 2MHz)
Switch Pins During Buck/Boost
Switch Pins on the Edge of
Buck/Boost and Approaching Boost
SW1
2V/DIV
SW2
2V/DIV
VIN = 3.78V
50ns/DIV
VOUT = 3.3V
IOUT = 250mA
SW1
2V/DIV
SW2
2V/DIV
VIN = 3.42V
50ns/DIV
VOUT = 3.3V
IOUT = 250mA
Switch Pins on the Edge of
Buck/Boost and Approaching Buck
SW1
2V/DIV
SW2
2V/DIV
VIN = 4.15V
50ns/DIV
VOUT = 3.3V
IOUT = 250mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The kB3440E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current measurements are performed when the outputs are not
switching.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN/SS Threshold
When IC is Enabled
●
0.4
1
1.5
V
When EA is at Maximum Boost Duty Cycle
2.2
V
SHDN/SS Input Current
VSHDN = 5.5V
0.01
1
µA
The
● denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25
°C. VIN = VOUT = 3.6V, RT = 60k, unless otherwise noted.
OUTPUT CURRENT (mA)
30
90
100
20
80
50
70
60
40
0.1
10
100
1000
1
Burst Mode
OPERATION
VIN = 2.5V
VIN = 3.3V
fOSC = 300kHz
VIN = 4.2V
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com