Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB3440 Datasheet HTML 1Page - Kingbor Technology Co KB3440 Datasheet HTML 2Page - Kingbor Technology Co KB3440 Datasheet HTML 3Page - Kingbor Technology Co KB3440 Datasheet HTML 4Page - Kingbor Technology Co KB3440 Datasheet HTML 5Page - Kingbor Technology Co KB3440 Datasheet HTML 6Page - Kingbor Technology Co KB3440 Datasheet HTML 7Page - Kingbor Technology Co KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
kB3440
Micropower Synchronous
Buck-Boost DC/DC Converter
■ Single Inductor
■ Fixed Frequency Operation with Battery Voltages
Above, Below or Equal to the Output
■ Synchronous Rectification: Up to 96% Efficiency
■ 40
µA Quiescent Current in Burst Mode® Operation
■ Up to 600mA Continuous Output Current
■ No Schottky Diodes Required (VOUT < 4.3V)
■ VOUT Disconnected from VIN During Shutdown
■ 2.5V to 5.5V Input and Output Range
■ Programmable Oscillator Frequency
from 300kHz to 2MHz
■ Synchronizable Oscillator
■ Burst Mode Enable Control
■ 5
µA Shutdown Current
■ Small Thermally Enhanced 10-Pin MSOP and
(3mm
× 3mm) DFN Packages
■ Palmtop Computers
■
Handheld Instruments
■ MP3 Players
■ Digital Cameras
The
kB3440 is a high efficiency, fixed frequency, Buck-
Boost DC/DC converter that operates from input voltages
above, below or equal to the output voltage. The topology
incorporated in the IC provides a continuous transfer
function through all operating modes, making the product
ideal for single lithium-ion, multicell alkaline or NiMH
applications where the output voltage is within the battery
voltage range.
The device includes two 0.19
N-channel MOSFET
switches and two 0.22
P-channel switches. Switching
frequencies up to 2MHz are programmed with an external
resistor and the oscillator can be synchronized to an
external clock. Quiescent current is only 40
µA in Burst
Mode operation, maximizing battery life in portable appli-
cations. Burst Mode operation is user controlled and can
be enabled by driving the MODE/SYNC pin high. If the
MODE/SYNC pin has either a clock or is driven low, then
fixed frequency switching is enabled.
Other features include a 1
µA shutdown, soft-start con-
trol, thermal shutdown and current limit. The kB3440 is
available in the 10-pin thermally enhanced MSOP and
(3mm
× 3mm) DFN packages.
Efficiency vs VIN
Li-Ion to 3.3V at 600mA Buck-Boost Converter
SW1
VIN
SHDN/SS
MODE/SYNC
RT
SW2
VOUT
FB
VC
GND
3
7
8
2
1
4
6
9
10
5
kB3440
L1
10
µH
R1
340k
R2
200k
R3
15k
RT
60.4k
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
L1: SUMIDA CDRH6D38-100
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
C1
10
µF
Li-Ion
VIN = 2.7V TO 4.2V
*
+
C5 1.5nF
C2
22
µF
VOUT
3.3V
600mA
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
100
98
96
94
92
90
88
86
84
82
80
5.5
VOUT = 3.3V
IOUT = 100mA
fOSC = 1MHz
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS
FEATURES
DESCRIPTION
TYPICAL APPLICATION


Similar Part No. - KB3440

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB3408 KINGBOR-KB3408 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3408-ADJ KINGBOR-KB3408-ADJ Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3408B-1.8 KINGBOR-KB3408B-1.8 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3408B-3.3 KINGBOR-KB3408B-3.3 Datasheet
109Kb / 6P
1.5MHz,350mA Synchronous Step-Down Regulator in SOT23-5
KB3417GRE KINGBOR-KB3417GRE Datasheet
146Kb / 9P
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
More results

Similar Description - KB3440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com