Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 20 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 20 Page - Kingbor Technology Co

Back Button KB3440 Datasheet HTML 12Page - Kingbor Technology Co KB3440 Datasheet HTML 13Page - Kingbor Technology Co KB3440 Datasheet HTML 14Page - Kingbor Technology Co KB3440 Datasheet HTML 15Page - Kingbor Technology Co KB3440 Datasheet HTML 16Page - Kingbor Technology Co KB3440 Datasheet HTML 17Page - Kingbor Technology Co KB3440 Datasheet HTML 18Page - Kingbor Technology Co KB3440 Datasheet HTML 19Page - Kingbor Technology Co KB3440 Datasheet HTML 20Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20 Kingbor Technology
TEL:(86)0755-26508846 FAX:(86)0755-26509052 www.kingbor.com
Efficiency
OUTPUT CURRENT (mA)
100
90
80
70
60
50
40
30
20
10
0
0.1
10
100
1000
1.0
VIN = 4.2V
VIN = 3.3V
Burst Mode
OPERATION
Li-Ion to 3.3V at 600mA Buck-Boost Converter
SW1
VIN
SHDN/SS
MODE/SYNC
RT
SW2
VOUT
FB
VC
GND
3
7
8
2
1
4
6
9
10
5
kB3440
L1
10
µH
R1
340k
R2
200k
R3
15k
RT
60.4k
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
L1: SUMIDA CDRH4D28-100
*1 = Burst Mode OPERATION
0 = FIXED FREQUENCY
C1
10
µF
Li-Ion
VIN = 2.8V TO 4.2V
*
+
C5 300pF
C2
22
µF
VOUT
3.3V
600mA
220pF
2.2k
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com