Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 7 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 7 Page - Kingbor Technology Co

Back Button KB3440 Datasheet HTML 3Page - Kingbor Technology Co KB3440 Datasheet HTML 4Page - Kingbor Technology Co KB3440 Datasheet HTML 5Page - Kingbor Technology Co KB3440 Datasheet HTML 6Page - Kingbor Technology Co KB3440 Datasheet HTML 7Page - Kingbor Technology Co KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co KB3440 Datasheet HTML 10Page - Kingbor Technology Co KB3440 Datasheet HTML 11Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
–
+
–
+
–
+
7
PWM
LOGIC
AND
OUTPUT
PHASING
GATE
DRIVERS
AND
ANTICROSS
CONDUCTION
Burst Mode
OPERATION
CONTROL
5
µs DELAY
GND
UVLO
2.7A
2.4V
RT
SLEEP
MODE/SYNC
1 = Burst Mode
OPERATION
0 = FIXED FREQUENCY
RT
OSC
SYNC
SUPPLY
CURRENT
LIMIT
SW A
SW1
SW2
VIN
2.5V TO 5.5V
SW D
ISENSE
AMP
ERROR
AMP
1.22V
CLAMP
REVERSE
CURRENT
LIMIT
SW B
SW C
–0.4A
1
2
5
8
+
3
4
VOUT
6
FB
9
VC
10
SHDN/SS
SHUTDOWN
RSS
VIN
R2
CSS
R1
VOUT
2.5V TO 5.5V
PWM
COMPARATORS
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
SIMPLIFIED BLOC DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com