Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 12 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 12 Page - Kingbor Technology Co

Back Button KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co KB3440 Datasheet HTML 10Page - Kingbor Technology Co KB3440 Datasheet HTML 11Page - Kingbor Technology Co KB3440 Datasheet HTML 12Page - Kingbor Technology Co KB3440 Datasheet HTML 13Page - Kingbor Technology Co KB3440 Datasheet HTML 14Page - Kingbor Technology Co KB3440 Datasheet HTML 15Page - Kingbor Technology Co KB3440 Datasheet HTML 16Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
The output capacitance is usually many times larger in
order to handle the transient response of the converter.
For a rule of thumb, the ratio of the operating frequency to
the unity-gain bandwidth of the converter is the amount
the output capacitance will have to increase from the
above calculations in order to maintain the desired tran-
sient response.
The other component of ripple is due to the ESR (equiva-
lent series resistance) of the output capacitor. Low ESR
capacitors should be used to minimize output voltage
ripple. For surface mount applications, Taiyo Yuden ce-
ramic capacitors, AVX TPS series tantalum capacitors or
Sanyo POSCAP are recommended.
Input Capacitor Selection
Since the VIN pin is the supply voltage for the IC it is
recommended to place at least a 4.7
µF, low ESR bypass
capacitor.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
AVX
(803) 448-9411
(803) 448-1943
www.avxcorp.com
Sanyo
(619) 661-6322
(619) 661-1055
www.sanyovideo.com
Taiyo Yuden (408) 573-4150
(408) 573-4159
www.t-yuden.com
Optional Schottky Diodes
To achieve a 1%-2% efficiency improvement above 50mW,
Schottky diodes can be added across synchronous switches
B (SW1 to GND) and D (SW2 to VOUT). The Schottky
diodes will provide a lower voltage drop during the break-
before-make time (typically 15ns) of the NMOS to PMOS
transition. General purpose diodes such as a 1N914 are
not recommended due to the slow recovery times and will
compromise efficiency. If desired a large Schottky diode,
such as an MBRM120T3, can be used from SW2 to VOUT.
A low capacitance Schottky diode is recommended
from GND to SW1 such as a Phillips PMEG2010EA or
equivalent.
Ripple = allowable inductor current ripple
(e.g., 0.2 = 20%)
VIN(MIN) = minimum input voltage, V
VIN(MAX) = maximum input voltage, V
VOUT = output voltage, V
IOUT(MAX) = maximum output load current
For high efficiency, choose an inductor with a high fre-
quency core material, such as ferrite, to reduce core loses.
The inductor should have low ESR (equivalent series
resistance) to reduce the I2R losses, and must be able to
handle the peak inductor current without saturating. Molded
chokes or chip inductors usually do not have enough core
to support the peak inductor currents in the 1A to 2A
region. To minimize radiated noise, use a toroid, pot core
or shielded bobbin inductor. See Table 1 for suggested
components and Table 2 for a list of component suppliers.
Table 1. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEB SITE
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
Coiltronics
(561) 241-7876
(561) 241-9339
www.coiltronics.com
Murata
USA:
USA:
www.murata.com
(814) 237-1431
(814) 238-0490
(800) 831-9172
Sumida
USA:
www.japanlink.com/
(847) 956-0666
(847) 956-0702
sumida
Japan:
81(3) 3607-5111 81(3) 3607-5144
Output Capacitor Selection
The bulk value of the capacitor is set to reduce the ripple
due to charge into the capacitor each cycle. The steady
state ripple due to charge is given by:
%_
•–
•
••
%
%_
•–
•
••
•
%
()
(
)
()
()
()
Ripple Boost
IV
V
CV
f
Ripple Buck
IV
V
CV
V
f
OUT MAX
OUT
IN MIN
OUT
OUT
OUT MAX
IN MAX
OUT
OUT
IN MAX
OUT
=
()
=
()
100
100
2
where COUT = output filter capacitor, F
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com