Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 11 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 11 Page - Kingbor Technology Co

Back Button KB3440 Datasheet HTML 7Page - Kingbor Technology Co KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co KB3440 Datasheet HTML 10Page - Kingbor Technology Co KB3440 Datasheet HTML 11Page - Kingbor Technology Co KB3440 Datasheet HTML 12Page - Kingbor Technology Co KB3440 Datasheet HTML 13Page - Kingbor Technology Co KB3440 Datasheet HTML 14Page - Kingbor Technology Co KB3440 Datasheet HTML 15Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
SOFT-START
The soft-start function is combined with shutdown. When
the SHDN/SS pin is brought above typically 1V, the IC is
enabled but the EA duty cycle is clamped from the VC pin.
COMPONENT SELECTION
Figure 5. Soft-Start Circuitry
–
+
9
10
VIN
ERROR AMP
1.22V
15
µA
FB
R1
R2
CP1
VC
VOUT
8
SHDN/SS
CSS
1V
ENABLE SIGNAL
RSS
SOFT-START
CLAMP
TO PWM
COMPARATORS
CHIP
ENABLE
–
+
VCI
Inductor Selection
The high frequency operation of the kB3440 allows the
use of small surface mount inductors. The inductor cur-
rent ripple is typically set to 20% to 40% of the maximum
inductor current. For a given ripple the inductance terms
are given as follows:
L
VV
V
f I
Ripple V
H
L
VV
V
f I
Ripple V
H
IN MIN
OUT
IN MIN
OUT MAX
OUT
OUT
IN MAX
OUT
OUT MAX
IN MAX
>
()
µ
>
()
µ
()
()
()
()
()
()
•–
••
•
,
•–
••
•
2
2
where f = operating frequency, MHz
A detailed diagram of this function is shown in Figure 5.
The components RSS and CSS provide a slow ramping
voltage on the SHDN/SS pin to provide a soft-start
function.
Figure 6. Recommended Component Placement. Traces Carrying
High Current are Direct. Trace Area at FB and VC Pins are Kept
Low. Lead Length to Battery Should be Kept Short
GND
C2
D2
kB3440
MULTIPLE
VIAS
L1
RT
VC
FB
SHDN/SS
VIN
VOUT
MODE/SYNC
SW1
GND
SW2
D1
VIN
R1
R2
VOUT
C1
1
2
3
4
5
10
9
8
7
6
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
OPERATION
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com