Electronic Components Datasheet Search
  English  ▼

X  

KB3440 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB3440
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3440 Datasheet(HTML) 6 Page - Kingbor Technology Co

Back Button KB3440 Datasheet HTML 2Page - Kingbor Technology Co KB3440 Datasheet HTML 3Page - Kingbor Technology Co KB3440 Datasheet HTML 4Page - Kingbor Technology Co KB3440 Datasheet HTML 5Page - Kingbor Technology Co KB3440 Datasheet HTML 6Page - Kingbor Technology Co KB3440 Datasheet HTML 7Page - Kingbor Technology Co KB3440 Datasheet HTML 8Page - Kingbor Technology Co KB3440 Datasheet HTML 9Page - Kingbor Technology Co KB3440 Datasheet HTML 10Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RT (Pin 1): Timing Resistor to Program the Oscillator
Frequency. The programming frequency range is 300kHz
to 2MHz.
f
R
Hz
OSC
T
=
61010
•
MODE/SYNC (Pin 2): MODE/SYNC = External CLK : Syn-
chronization of the internal oscillator. A clock frequency of
twice the desired switching frequency and with a pulse
width between 100ns and 2
µs is applied. The oscillator
free running frequency is set slower than the desired
synchronized switching frequency to guarantee sync. The
oscillator RT component value required is given by:
R
f
T
SW
=
81010
•
where fSW = desired synchronized switching frequency.
SW1 (Pin 3): Switch Pin Where the Internal Switches A
and B are Connected. Connect inductor from SW1 to SW2.
An optional Schottky diode can be connected from SW1 to
ground. Minimize trace length to keep EMI down.
SW2 (Pin 4): Switch Pin Where the Internal Switches C
and D are Connected. For applications with output volt-
ages over 4.3V, a Schottky diode is required from SW2 to
VOUT to ensure the SW pin does not exhibit excess voltage.
GND (Pin 5): Signal and Power Ground for the IC.
VOUT (Pin 6): Output of the Synchronous Rectifier. A filter
capacitor is placed from VOUT to GND.
VIN (Pin 7): Input Supply Pin. Internal VCC for the IC. A
ceramic bypass capacitor as close to the VIN pin and GND
(Pin 5) is required.
SHDN/SS (Pin 8): Combined Soft-Start and Shutdown.
Grounding this pin shuts down the IC. Tie to >1.5V to
enable the IC and > 2.5V to ensure the error amp is not
clamped from soft-start. An RC from the shutdown com-
mand signal to this pin will provide a soft-start function by
limiting the rise time of the VC pin.
FB (Pin 9): Feedback Pin. Connect resistor divider tap
here. The output voltage can be adjusted from 2.5V to
5.5V. The feedback reference voltage is typically 1.22V.
VC (Pin 10): Error Amp Output. A frequency compensation
network is connected from this pin to the FB pin to
compensate the loop. See the section “Compensating the
Feedback Loop” for guidelines.
Exposed Pad (Pin 11, DFN Package Only): Ground. This
pin must be soldered to the PCB and electrically connected
to ground.
kB3440
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com