Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 4 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 4 Page - NVE Corporation

  IL600 Datasheet HTML 1Page - NVE Corporation IL600 Datasheet HTML 2Page - NVE Corporation IL600 Datasheet HTML 3Page - NVE Corporation IL600 Datasheet HTML 4Page - NVE Corporation IL600 Datasheet HTML 5Page - NVE Corporation IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
IL600 Series Isolators
4
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
IL610 Pin Connections
1
NC
No internal connection
2
IN+
Coil connection
3
IN−
Coil connection
4
NC
No internal connection
5
GND
Ground return for VDD
6
OUT
Data out
7
VOE
Output enable.
Internally held low with 100 kΩ
8
VDD
Supply Voltage
IL610
IL611 Pin Connections
1
IN1+
Channel 1 coil connection
2
IN1−
Channel 1 coil connection
3
IN2+
Channel 2 coil connection
4
IN2−
Channel 2 coil connection
5
GND
Ground return for VDD
6
OUT2
Data out, channel 2
7
OUT1
Data out, channel 1
8
VDD
Supply Voltage
IL611
IL612 Pin Connections
1
IN1
Data in, channel 1
2
VDD1
Supply Voltage 1
3
OUT2
Data out, channel 2
4
GND1
Ground return for VDD1
5
GND2
Ground return for VDD2
6
IN2
Data in, channel 2
7
VDD2
Supply Voltage 2
8
OUT1
Data out, channel 1
IL612
IL613 Pin Connections
1
IN1+
Channel 1 coil connection
2
NC
No connection
(internally connected to pin 8)
3
IN1−
Channel 1 coil connection
4
IN2+
Channel 2 coil connection
5
IN2−
Channel 2 coil connection
6
IN3+
Channel 3 coil connection
7
IN3−
Channel 3 coil connection
8
NC
No connection
(internally connected to pin 2)
9
GND
Ground return for VDD
(internally connected to pin 15)
10
OUT3
Data out, channel 3
11
NC
No connection
12
VDD
Supply Voltage. Pin 12 and pin 16
must be connected externally
13
OUT2
Data out, channel 2
14
OUT1
Data out, channel 1
15
GND
Ground return for VDD
(internally connected to pin 9)
16
VDD
Supply Voltage. Pin 12 and pin 16
must be connected externally
IL613
Note: Pins 12 and 16 must be connected externally.
NC
V
DD
IN+
V
OE
IN-
OUT
NC
GND
IN
1+
V
DD
IN
1-
OUT
1
IN
2+
OUT
2
IN
2-
GND
IN
1+
V
DD
NC
GND*
IN
1-
OUT
1
IN
2+
OUT
2
IN
2-
V
DD
IN
3+
IN
3-
NC
OUT
3
NC
GND
IN
1
OUT
1
V
DD1
V
DD2
OUT
2
IN
2
GND
1
GND
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com