Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 10 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 10 Page - NVE Corporation

Back Button IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation IL600 Datasheet HTML 10Page - NVE Corporation IL600 Datasheet HTML 11Page - NVE Corporation IL600 Datasheet HTML 12Page - NVE Corporation IL600 Datasheet HTML 13Page - NVE Corporation IL600 Datasheet HTML 14Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
IL600 Series Isolators
10
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Applications Information
IL600-Series Isolators are current mode devices. Changes in current flow into the input coil result in logic state changes at the
output. As shown in Figure 1, output logic high is the zero input current state.
Coil Polarity
The device switches to logic low if current flows from (In−) to (In+).
Note that the designations “In−“ and “In+” refer to logic levels, not
current flow. Positive values of current mean current flow into
the In− input.
Input Resistor Selection
Resistors set the coil input current (see Figure 2). There is no limit to
input voltages because there are no semiconductor input structures.
Worst-case logic low threshold current is 8 mA, which is for single-
ended operation with a 3 V supply. In differential mode, where the
input current reverses, the logic low threshold current is 5 mA for the
range of supplies. A “boost capacitor” creates current reversals at edge
transitions, reducing the input logic low threshold current to the
differential level of 5 mA.
Typical Resistor Values
The table shows typical values for the
external resistor for 5 mA coil current.
The values are approximate and should
be adjusted for temperature or other
application specifics.
Single-Ended or Differential Input
The IL610, IL611, IL613, and channel 1 of the IL614 can be run with
single-ended or differential inputs (see Test Circuits on page 5). In the
differential mode, current will naturally flow through the coil in both
directions without a boost capacitor, although the capacitor can still be
used for increased external field immunity or improved PWD.
Absolute Maximum recommended coil current in single-ended mode
is 25 mA while differential mode allows up to ±75 mA to flow. The
difference in specifications is due to the risk of electromigration of
coil metals under constant current flow. In single ended mode, long-
term DC current flow above 25 mA can cause erosion of the coil
metal. In differential mode, erosion takes place in both directions as each current cycle reverses and has a net effect of zero up to
the absolute maximum current.
An advantage over optocouplers and other high-speed couplers in differential mode is that no reverse bias protection for the input
structure is required for a differential signal.
One of the more common applications is for an isolated Differential Line Receiver. For example, RS-485 can drive an IL610
directly for a fraction of the cost of an isolated RS-485 node (see Illustrative Applications).
3.5
5
High
Low
Logic State
Coil Current
mA
1.5
J
J
Figure 1. Typical IL600-Series Transfer Function
V
INH
V
INL
I
COIL
R1
85
Input
Coil
Figure 2. Limiting Resistor Calculation
Equivalent Circuit
VCOIL
Coil
Resistor
3.3 V
510 Ω
5 V
820 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com