Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 8 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL600 Datasheet HTML 4Page - NVE Corporation IL600 Datasheet HTML 5Page - NVE Corporation IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation IL600 Datasheet HTML 10Page - NVE Corporation IL600 Datasheet HTML 11Page - NVE Corporation IL600 Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IL600 Series Isolators
8
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
3.3 V Electrical Specifications (VDD = 3 V − 3.6 V; T = −40°C(4) − 85°C unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Quiescent Supply Current
IL610
IDD
1.3
2
mA
VDD = 3.3 V, IIN = 0
IL611
IDD
2.6
4
IL612
IDD1
1.3
2
IL612
IDD2
1.3
2
IL613
IDD
4
6
IL614
IDD1
1.3
2
IL614
IDD2
2.6
4
Logic High Output Voltage
VOH
3.2
3.3
V
VDD = 3.3 V, IO = 20 μA
3.0
3.1
V
VDD = 3.3 V, IO = 4 mA
Logic Low Output Voltage
VOL
0
0.1
V
VDD = 3.3 V, IO = −20 μA
0.2
0.8
V
VDD = 3.3 V, IO = −4 mA
Logic Output Drive Current
|IO|
7
10
mA
3.3 V Switching Specifications (VDD = 3 V − 3.6 V; T = −40°C(4) − 85°C unless otherwise stated)
Data Rate
100
Mbps
Test Circuit 1;
tIR = tIF = 3 ns;
CBOOST = 16 pF
Minimum Pulse Width(1)
PW
10
ns
Propagation Delay Input to Output
(High to Low)
tPHL
12
18
ns
Propagation Delay Input to Output
(Low to High)
tPLH
12
18
ns
Average Propagation Delay Drift
tPLH
10
ps/°C
Pulse Width Distortion |tPHL−tPLH| (2)
PWD
3
5
ns
Propagation Delay Skew(3)
tPSK
−2
2
ns
Output Rise Time (10–90%)
tR
3
5
ns
Output Fall Time (10–90%)
tF
3
5
ns
Notes:
1. The Minimum Pulse Width is the shortest pulse width at which the specified PWD is guaranteed.
2. PWD is defined as | tPHL − tPLH |.
3. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25°C.
4. -20
oC for IL611-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com