Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 1 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 1 Page - NVE Corporation

  IL600 Datasheet HTML 1Page - NVE Corporation IL600 Datasheet HTML 2Page - NVE Corporation IL600 Datasheet HTML 3Page - NVE Corporation IL600 Datasheet HTML 4Page - NVE Corporation IL600 Datasheet HTML 5Page - NVE Corporation IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
IL600 Series Isolators
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
REV. AD
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-
apps@nve.com
Passive-Input Digital Isolators – CMOS Outputs
Functional Diagrams
Features
•
Up to 100 Mbps data rate
•
Flexible inputs with very wide input voltage range
•
5 mA input current
•
Failsafe output (logic high output for zero coil current)
•
No carrier or clock for low EMI emissions and susceptibility
•
Low power dissipation
•
3 V to 5 V power supplies
•
44000 year barrier life
•
−40 °C to 85 °C temperature range
•
2.5 kV isolation
•
IEC 60747-17 (VDE 0884-17):2021-10; UL 1577
•
8-pin MSOP, SOIC, and PDIP packages
•
0.15", 0.3", or True 8™ mm SOIC packages
Applications
•
CAN Bus / Device Net
•
Differential line receiver
•
Optocoupler replacement
•
SPI interface
•
RS-485, RS-422, or RS-232
•
Digital Fieldbus
•
Space-critical multi-channel applications
Description
The IL600 Series are passive input digital signal isolators
with CMOS outputs. They have a similar interface but better
performance and higher package density than optocouplers.
The devices are manufactured with NVE’s patented*
IsoLoop® spintronic Giant Magnetoresistive (GMR)
technology for small size, high speed, and low power.
A unique ceramic/polymer composite barrier provides
excellent isolation and virtually unlimited barrier life.
A resistor sets the input current; a capacitor in parallel with
the current-limit resistor provides improved dynamic
performance.
These versatile components simplify inventory requirements
by replacing a variety of optocouplers, functioning over a
wide range of data rates, edge speeds, and power supply
levels. The devices are available in various packages, as well
as bare die.


Similar Part No. - IL600

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL600 NVE-IL600 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
IL600-01 NVE-IL600-01 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
IL600A NVE-IL600A Datasheet
396Kb / 19P
Passive-Input Digital Isolators – Open Drain Outputs
IL600 NVE-IL600_V01 Datasheet
610Kb / 8P
IL600-Series Isolator Evaluation Board
March 2012
More results

Similar Description - IL600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL610 ETC-IL610 Datasheet
840Kb / 14P
Passive Input Digital Isolators
logo
Texas Instruments
ISO7240 TI-ISO7240 Datasheet
755Kb / 23P
QUAD DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
ISO7220A-Q1 TI1-ISO7220A-Q1 Datasheet
751Kb / 24P
DUAL DIGITAL ISOLATORS
logo
MORNSUN Science& Techno...
TA306W-11 MORNSUN-TA306W-11 Datasheet
712Kb / 3P
12.5mm SLIM CASE PASSIVE SIGNAL ISOLATORS
logo
Silicon Laboratories
SI8751 SILABS-SI8751 Datasheet
577Kb / 27P
Digital CMOS input option
logo
PHOENIX CONTACT
2864655 PHOENIX-2864655 Datasheet
254Kb / 8P
One- and two-channel passive isolators
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com