Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 11 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 11 Page - NVE Corporation

Back Button IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation IL600 Datasheet HTML 10Page - NVE Corporation IL600 Datasheet HTML 11Page - NVE Corporation IL600 Datasheet HTML 12Page - NVE Corporation IL600 Datasheet HTML 13Page - NVE Corporation IL600 Datasheet HTML 14Page - NVE Corporation IL600 Datasheet HTML 15Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IL600 Series Isolators
11
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
2500
16
5000
3
500
1000
Signal
Rise/Fall Time (ns)
C
Boost (pF)
2500
16
5000
3
500
1000
Signal
Rise/Fall Time (ns)
C
Boost (pF)
Non-inverting and Inverting Configurations
IL600-Series Isolators can be configured in non-
inverting and inverting configurations (see Figure 3).
In a typical non-inverting circuit, the In− terminal is
connected via a 1 kΩ input resistor to the supply rail,
and the input is connected to the In+ terminal. The
supply voltage is +5 V and the input signal is a 5 V
CMOS signal. When a logic high (+5 V) is applied to
the input, the current through the coil is zero. When
the input is a logic low (0 V), at least 5 mA flows
through the coil from the In− side to the In+ side.
The inverting configuration is similar to standard
logic. In the inverting configuration, the signal into
the coil is differential with respect to ground. The
designer must ensure that the difference between the
logic low voltage and the coil ground is such that the
residual coil current is less than 0.5 mA.
The IL612 and IL614 devices have some inputs that
do not offer inverting operation. The IL612 coil In−
input is hardwired internally to the device power
supply; therefore it is important to ensure the isolator
power supply is at the same voltage as the power
supply to the source of the input logic signal. The
IL614 has a common coil In− for two inputs. This
pin should be connected to the power supply for the
logic driving channels 2 and 3, and the channels run
should be run in non-inverting mode.
Both single ended and differential inputs can be
handled without reverse bias protection.
Boost Capacitor
The boost capacitor in parallel with the current-limiting resistor boosts the instantaneous coil current at the signal transition. This
ensures switching and reduces propagation delay and reduces pulse-width distortion.
Select the value of the boost capacitor based on the rise and fall
times of the signal driving the inputs. The instantaneous boost
capacitor current is proportional to input edge speeds (
). Select a
capacitor value based on the rise and fall times of the input signal to be
isolated that provides approximately 20 mA of additional “boost”
current. Figure 4 is a guide to boost capacitor selection. For high-speed
logic signals (tr,tf < 10 ns), a 16 pF capacitor is recommended. The
capacitor value is generally not critical; if in doubt, choose a higher
value.
Figure 3. Non-inverting and inverting circuits
Figure 4. Cboost Selector
dV
dt
C
V
DD
GND
2
5
6
7
8
47 nF
Non-Inverting Circuit
Data Out
+5 V
GND
1
820R
3
2
Data In
C
boost
IL610
-
+
+5 V
V
DD
GND
1
GND
2
820R
3
2
5
6
8
IL610
Inverting Circuit
-
+
Data In
Data Out
7
C
boost
47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com