Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 13 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 13 Page - NVE Corporation

Back Button IL600 Datasheet HTML 9Page - NVE Corporation IL600 Datasheet HTML 10Page - NVE Corporation IL600 Datasheet HTML 11Page - NVE Corporation IL600 Datasheet HTML 12Page - NVE Corporation IL600 Datasheet HTML 13Page - NVE Corporation IL600 Datasheet HTML 14Page - NVE Corporation IL600 Datasheet HTML 15Page - NVE Corporation IL600 Datasheet HTML 16Page - NVE Corporation IL600 Datasheet HTML 17Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IL600 Series Isolators
13
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Illustrative Applications
Isolated RS-485 and RS-422 Receivers Using IL610s
Number of
Nodes
Current Limit
Resistors (Ω
Ω
Ω
Ω
)
1
None
2
17
3
22
4
27
5
27
6
27
7
30
8
33
IL610 components can be used as simple isolated RS-485 or RS-422 receivers, terminating
signals at the IL610 for a fraction of the cost of an isolated node. Cabling is simplified by
eliminating the need to power the input side of the receiving board. No current-limiting
resistor is needed for a single receiver because it will draw less current than the driver
maximum. Current limiting resistors allow at least eight nodes without exceeding the
maximum load of the transceiver. Placement of the current-limiting resistors on both lines
provides better dynamic signal balance. There is generally no need for line termination
resistors below data rates of approximately 10 Mbps because the IL610 coil resistance of
approximately 85 Ω is close to the characteristic impedance of most cables. The circuit is
intrinsically open-circuit failsafe because the IL610 is guaranteed to switch to the high state
when the coil input current is less than 0.5 mA.
GND
2
V
DD
B
ISL8485
D
47nF
V
DD1
GND
1
3
2
5
6
7
8
4
5
7
2
1
-
+
IL610
R
RE
A
8
6
1
R
47nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com