Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 9 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 9 Page - NVE Corporation

Back Button IL600 Datasheet HTML 5Page - NVE Corporation IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation IL600 Datasheet HTML 10Page - NVE Corporation IL600 Datasheet HTML 11Page - NVE Corporation IL600 Datasheet HTML 12Page - NVE Corporation IL600 Datasheet HTML 13Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IL600 Series Isolators
9
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
MSOP
3.01
mm
0.15'' SOIC
4.03
mm
0.3'' SOIC
8.03
8.3
mm
Per IEC 60601
PDIP
7.08
mm
Total Barrier Thickness (internal)
0.012
0.013
mm
Leakage Current
0.2
μ
A
240 VRMS, 60 Hz
Barrier Resistance
RIO
>1014
500 V
Barrier Capacitance
CIO
7
Ω
|| pF
f = 1 MHz
Comparative Tracking Index
CTI
≥
175
V
Per IEC 60112
High Voltage Endurance
(Maximum Barrier Voltage
for Indefinite Life)
AC
DC
VIO
1000
1500
VRMS
VDC
At maximum
operating temperature
Barrier Life
44000
Years
100°C, 1000 VRMS, 60%
CL activation energy
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Junction–Ambient
Thermal Resistance
MSOP8
0.15" SOIC8
0.15" SOIC16
0.3" SOIC16
PDIP8
θ
JA
184
134
82
67
114
°C/W
Double-sided PCB in
free air
Junction–Case (Top)
Thermal Resistance
MSOP8
0.15" SOIC8
0.15" SOIC16
0.3" SOIC16
PDIP8
θ
JC
15
10
8
12
36
Junction–Ambient
Thermal Resistance
0.3" SOIC
θ
JA
46
2s2p PCB in free air
per JESD51
Junction–Case (Top)
Thermal Resistance
θ
JC
9
Power Dissipation
MSOP8
0.15" SOIC8
0.15" SOIC16
0.3" SOIC16
PDIP8
PD
500
675
675
1500
800
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com