Electronic Components Datasheet Search
  English  ▼

X  

IL600 Datasheet(PDF) 7 Page - NVE Corporation

Part # IL600
Description  Passive-Input Digital Isolators – CMOS Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL600 Datasheet(HTML) 7 Page - NVE Corporation

Back Button IL600 Datasheet HTML 3Page - NVE Corporation IL600 Datasheet HTML 4Page - NVE Corporation IL600 Datasheet HTML 5Page - NVE Corporation IL600 Datasheet HTML 6Page - NVE Corporation IL600 Datasheet HTML 7Page - NVE Corporation IL600 Datasheet HTML 8Page - NVE Corporation IL600 Datasheet HTML 9Page - NVE Corporation IL600 Datasheet HTML 10Page - NVE Corporation IL600 Datasheet HTML 11Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
IL600 Series Isolators
7
NVE Corporation 11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
5 V Electrical Specifications (VDD = 4.5 V − 5.5 V; T = −40°C(5) − 85°C unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Quiescent Supply Current
IL610
IDD
2
3
mA
VDD = 5 V, IIN = 0
IL611
IDD
4
6
IL612
IDD1
2
3
IL612
IDD2
2
3
IL613
IDD
6
9
IL614
IDD1
2
3
IL614
IDD2
4
6
Logic High Output Voltage
VOH
4.9
5
V
VDD = 5 V, IO = 20 μA
4.0
4.8
V
VDD = 5 V, IO = 4 mA
Logic Low Output Voltage
VOL
0
0.1
V
VDD = 5 V, IO = −20 μA
0.2
0.8
V
VDD = 5 V, IO = −4 mA
Logic Output Drive Current
|IO|
7
10
mA
5 V Switching Specifications (VDD = 4.5 V − 5.5 V; T = −40°C(5) − 85°C unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
100
Mbps
Test Circuit 1;
tIR = tIF = 3 ns;
CBOOST = 16 pF
Minimum Pulse Width(1)
PW
10
ns
Propagation Delay Input to Output
(High-to-Low)
tPHL
8
15
ns
Propagation Delay Input to Output
(Low to High)
tPLH
8
15
ns
Average Propagation Delay Drift
tPLH
10
ps/°C
Pulse Width Distortion |tPHL−tPLH|(2)
PWD
3
5
ns
Pulse Jitter(3)
tJ
100
ps
Propagation Delay Skew(4)
tPSK
−2
2
ns
Output Rise Time (10–90%)
tR
2
4
ns
Output Fall Time (10–90%)
tF
2
4
ns
Notes:
1. Minimum Pulse Width is the shortest pulse width at which the specified PWD is guaranteed.
2. PWD is defined as | tPHL − tPLH |.
3. 66,535-bit pseudo-random binary signal (PRBS) NRZ bit pattern with no more than five consecutive 1s or 0s; 800 ps transition time.
4. tPSK is equal to the magnitude of the worst case difference in tPHL and/or tPLH that will be seen between units at 25°C.
5. -20
oC for IL611-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com