Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 18 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 18 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 14Page - Microchip Technology ATSHA204A Datasheet HTML 15Page - Microchip Technology ATSHA204A Datasheet HTML 16Page - Microchip Technology ATSHA204A Datasheet HTML 17Page - Microchip Technology ATSHA204A Datasheet HTML 18Page - Microchip Technology ATSHA204A Datasheet HTML 19Page - Microchip Technology ATSHA204A Datasheet HTML 20Page - Microchip Technology ATSHA204A Datasheet HTML 21Page - Microchip Technology ATSHA204A Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 93 page
background image
Name
Bit Length Description
SourceFlag
1
The source of the randomness in TempKey:
0 =
Internally generated random number (Rand).
1 =
Input seed only, no internal random generation (Input).
GenData
1
0 = TempKey.SlotID is not meaningful and is ignored.
1 =
The contents of TempKey were generated by GenDig using one of the slots in the
Data zone (and TempKey.SlotID is meaningful).
CheckFlag
1
0 =
TempKey contents have been generated using a Nonce, SHA or GenDig without a
CheckMac key restriction.
1 =
The contents of TempKey were generated by the GenDig command and at least
one of the keys used in that generation is restricted to the CheckMac command
(SlotConfig.CheckOnly is one)
Valid
1
0 =
The information in TempKey is invalid.
1 =
The information in TempKey is valid.
In this specification, the name “TempKey” refers to the contents of the 32-byte (256-bit) Data register. The
remaining bit fields are referred to as TempKey.SourceFlag, TempKey.GenData and so on.
The TempKey.Valid bit is cleared to zero under any of the following circumstances:
•
Power-up, sleep, brown-out, watchdog expiration, or tamper detection. The contents of TempKey
are however retained when the device enters idle mode.
•
After the execution of any command other than Nonce or GenDig, regardless of whether or not the
command execution succeeds. It may be cleared by the CheckMac command unless a successful
copy takes place. It is not cleared if there is a communications problem, as evidenced by a Cyclic
Redundancy Check (CRC) error.
•
An error during the parsing or execution of a GenDig and/or Nonce command.
•
Execution of GenDig replaces any previous output of the Nonce command with the output of the
GenDig command. Execution of the Nonce command likewise replaces any previous output of the
GenDig command.
ATSHA204A
Device Organization
© 2018 Microchip Technology Inc.
DS40002025A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com