Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 25 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 25 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 21Page - Microchip Technology ATSHA204A Datasheet HTML 22Page - Microchip Technology ATSHA204A Datasheet HTML 23Page - Microchip Technology ATSHA204A Datasheet HTML 24Page - Microchip Technology ATSHA204A Datasheet HTML 25Page - Microchip Technology ATSHA204A Datasheet HTML 26Page - Microchip Technology ATSHA204A Datasheet HTML 27Page - Microchip Technology ATSHA204A Datasheet HTML 28Page - Microchip Technology ATSHA204A Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
The device uses the selector byte within the configuration zone to determine which device stays awake.
Only that device with a selector value that matches the input parameter of the Pause command stays
awake. In order to facilitate late configuration of systems that use the multi-device sharing mode, the
following three update capabilities for the selector byte are supported:
1.
Unlimited Updates
At any time, the UpdateExtra command can be executed to write the value in the selector field of
the Configuration zone. To enable this mode, set the SelectorMode byte in the Configuration zone
to zero.
2.
One-time Field Update
If the SelectorMode byte is set to a non-zero value and the selector byte is set to a zero value prior
to locking the Configuration zone. Then, at any time after the Configuration zone is locked the
UpdateExtra command can be used one time to set Selector to a non-zero value. The
UpdateExtra command is not affected by the LockValue byte.
3.
Fixed Selector Value
The selector byte can never be modified after the Configuration zone is locked if both SelectorMode
and Selector are set to non-zero values. The UpdateExtra command always returns an error
code.
5.5
Transaction Example
Wake (Single-Wire)
Host
Device
Wake
→
Transmit
→
←
Data
Example (Single-Wire)
Host
Device
Wake
→
Transmit
→
←
Data
Command
→
Data
→
Transmit
→
←
Data
Idle/Sleep
→
Table 5-3. Example (Single-Wire)
Wake Token 0x00
Transmit 0x88
Count 0x04
Status 0x11
Host
0 0 0 1 0 0 0 1
Device
0 0 1 0 0 0 0 0 1 0 0 0 1 0 0 0
ATSHA204A
Single-Wire Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com