| Electronic Components Datasheet Search |
|
ATSHA204A Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATSHA204A Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 93 page ![]() Zone Legal Block/Slot (Inclusive) Notes Words above 10 (block 2, offset 0) read and write must be in Word (4-byte) mode. Words below 04 (block 0, offset 4) and above 15 (block 2, offset 5) can never be written. OTP 0 – 1 When OTPmode is read-only, all offsets in both blocks are available to use with 4-byte and 32-byte reads. If OTPmode is consumption, then writes are also permitted to all offsets. See Section One Time Programmable (OTP) Zone if OTPmode is Legacy. 8.5.5 CheckMac Command The CheckMac command calculates a MAC response that had been generated on a CryptoAuthentication device and compares the MAC response with some input value. It returns a Boolean result to indicate the success or failure of the comparison. Prior to running this command, the Nonce and/or GenDig commands may have been optionally run to create and load a key or nonce value in TempKey. The mode parameter determines the source of the “key” (the first 32-bytes of the SHA message) and “challenge/nonce” (the second-32 bytes of the SHA message). Mode<2> controls the requirement for a random nonce if TempKey is part of the computed value. If Mode<2> = 1, then TempKey must be generated using Nonce(Fixed); if Mode<2> = 0, then TempKey must be generated using Nonce(Random). Setting Mode<2> to one may enable replay attacks in some situations. If the comparison matches, then the target slot value may be copied into TempKey. If SlotID is even, then the target slot is SlotD+1, or else the target slot is SlotID. For the copy to take place, the following conditions must be true. If they are not all true, then the ATSHA204A returns the comparison result but doesn't copy the key value. 1. The mode parameter to CheckMac must have a value of 0x01 or 0x05. 2. SlotConfig.ReadKey for the target key must be zero. 3. The bit in Config.CheckMacSource corresponding to the key slots must have a value that matches Mode<2>. Table 8-8. Input parameters Name Size Notes Opcode CheckMac 1 0x28 Param1 Mode 1 Bits 7-6: Must be zero. Bit 5: 8-bytes of SHA message. 0: zeros 1: OTP zone Bit 4-3: Must be zero. Bit 2: If TempKey is used, this bit must match the value of TempKey.SourceFlag. Bit 1: Source of the first 32-bytes of the SHA message. ATSHA204A Security Commands © 2018 Microchip Technology Inc. DS40002025A-page 47 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |