Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 26 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 26 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 22Page - Microchip Technology ATSHA204A Datasheet HTML 23Page - Microchip Technology ATSHA204A Datasheet HTML 24Page - Microchip Technology ATSHA204A Datasheet HTML 25Page - Microchip Technology ATSHA204A Datasheet HTML 26Page - Microchip Technology ATSHA204A Datasheet HTML 27Page - Microchip Technology ATSHA204A Datasheet HTML 28Page - Microchip Technology ATSHA204A Datasheet HTML 29Page - Microchip Technology ATSHA204A Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
CRC-16 0x33
CRC-16 0x43
Command 0x77
Count
Host
1 1 1 0 1 1 1 0
Device
1 1 0 0 1 1 0 0 1 1 0 0 0 0 1 0
Opcode
Param1
Param2
Param2
Host
Device
Data (0 – N)
Transmit 0x88
Count
Data (1 – N)
Host
0 0 0 1 0 0 0 1
Device
X X X X X X X X X X X X X X X X
CRC-16
CRC-16
Idle
Host
1 1 0 1 1 1 0 1
Device X X X X X X X X X X X X X X X X
5.6
Wiring Configuration for Single-Wire Interface
The Single-Wire Interface allows the connection of the ATSHA204A to a Host using only a single SDA pin
to transfer data in both directions. This interface does not use the SCL pin. The ATSHA204A does not
require a bypass capacitor when wired in this configuration if the impedance of the power and ground
signals back to the power supply is low. Microchip recommends a bypass capacitor always be used for
the best reliability.
To prevent forward biasing the internal diode and drawing current across power planes in the system, the
resistor pull-up on the SDA pin should either be connected to the same supply that is connected to the
VCC pin or to a lower voltage rail.
If the signal levels for SDA are different from the VCC voltage, consult the parametric specifications
section of this document to ensure that the signal levels are such that excessive leakage current is
minimized when in sleep modes. This situation might occur if the ATSHA204A device is physically distant
from the bus master device, or the supply voltage for the bus master is different from the supply voltage
for the ATSHA204A.
ATSHA204A
Single-Wire Interface
© 2018 Microchip Technology Inc.
DS40002025A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com