Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 90 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 90 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 85Page - Microchip Technology ATSHA204A Datasheet HTML 86Page - Microchip Technology ATSHA204A Datasheet HTML 87Page - Microchip Technology ATSHA204A Datasheet HTML 88Page - Microchip Technology ATSHA204A Datasheet HTML 89Page - Microchip Technology ATSHA204A Datasheet HTML 90Page - Microchip Technology ATSHA204A Datasheet HTML 91Page - Microchip Technology ATSHA204A Datasheet HTML 92Page - Microchip Technology ATSHA204A Datasheet HTML 93Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 90 / 93 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Device:
ATSHA204A: Cryptographic Co-processor with Secure Hardware-
based Key Storage
Package Options
SSH
= 8S1, 8-Lead (0.150” Wide
Body), Plastic Gull Wing Small
Outline (JEDEC SOIC)
MAH
= 8MA2, 8-Pad 2 x 3 x 0.6 mm
Body, Thermally Enhanced
Plastic Ultra Thin Dual Flat No-
Lead Package (UDFN)
RBH
= 3RB, 3-Lead 2.5 x 6.5 mm
Body, 2.0 mm pitch, CONTACT
Package (Sawn).
I/O Type
CZ
= Single Wire Interface
DA
= I2C Interface
Tape and Reel Options
B
= Tube
T
= Large Reel (Size varies by
package type)
S
= Small Reel (Only available for
MAH)
Examples:
•
ATSHA204A-SSHCZ-T: Single-Wire, Tape and Reel, 4,000 per Reel, 8-Lead SOIC package
•
ATSHA204A-SSHCZ-B: Single-Wire, Tube, 100 per Tube, 8-Lead SOIC package
•
ATSHA204A-SSHDA-T: I2C, Tape and Reel, 4,000 per Reel, 8-Lead SOIC package
•
ATSHA204A-SSHDA-B: I2C, Tube, 100 per Tube, 8-Lead SOIC package
•
ATSHA204A-MAHCZ-T: Single-Wire, Tape and Reel, 15,000 per Reel, 8-Pad UDFN package
•
ATSHA204A-MAHDA-T: I2C, Tape and Reel, 15,000 per Reel, 8-Pad UDFN package
•
ATSHA204A-MAHCZ-S: Single-Wire, Tape and Reel, 3,000 per Reel, 8-Pad UDFN package
•
ATSHA204A-MAHDA-S: I2C, Tape and Reel, 3,000 per Reel, 8-Pad UDFN package
•
ATSHA204A-RBHCZ-T: Single-Wire, Tape and Reel, 5,000 per Reel, 3-Lead Contact package
•
ATSHA204A-RBHCZ-B: Single-Wire, Tube, 56 per Tube, 3-Lead Contact package
•
ATSHA204A-STUCZ-T: Single Wire, Tape and Reel, 5000 per Reel, 3-Lead SOT-23 package
•
ATSHA204A-XHDA-T:I2C, Tape and Reel, 5000 per Reel, 8-Lead TSSOP package
•
ATSHA204A-XHCZ-T: Single-Wire, Tape and Reel, 5000 per Reel, 8-Lead TSSOP package
Note: 
ATSHA204A
© 2018 Microchip Technology Inc.
DS40002025A-page 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com