Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 10 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 6Page - Microchip Technology ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology ATSHA204A Datasheet HTML 11Page - Microchip Technology ATSHA204A Datasheet HTML 12Page - Microchip Technology ATSHA204A Datasheet HTML 13Page - Microchip Technology ATSHA204A Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
Word Byte 0
Byte 1
Byte 2
Byte 3
Default
Write Access Read
Access
0x05
SlotConfig 0
SlotConfig 1
8F 80 80 A1
If Config Is
unlocked
Always
0x06
SlotConfig 2
SlotConfig 3
82 E0 A3 60
If Config Is
unlocked
Always
0x07
SlotConfig 4
SlotConfig 5
94 40 A0 85
If Config Is
unlocked
Always
0x08
SlotConfig 6
SlotConfig 7
86 40 87 07
If Config Is
unlocked
Always
0x09
SlotConfig 8
SlotConfig 9
0F 00 89 F2
If Config Is
unlocked
Always
0x0A
SlotConfig 10
SlotConfig 11
8A 7A 0B 8B
If Config Is
unlocked
Always
0x0B
SlotConfig 12
SlotConfig 13
0C 4C DD 4D
If Config Is
unlocked
Always
0x0C
SlotConfig 14
SlotConfig 15
C2 42 AF 8F
If Config Is
unlocked
Always
0x0D UseFlag 0
UpdateCount 0
UseFlag 1
UpdateCount 1 FF 00 FF 00
If Config Is
unlocked
Always
0x0E UseFlag 2
UpdateCount 2
UseFlag 3
UpdateCount 3 FF 00 FF 00
If Config Is
unlocked
Always
0x0F UseFlag 4
UpdateCount 4
UseFlag 5
UpdateCount 5 FF 00 FF 00
If Config Is
unlocked
Always
0x10 UseFlag 6
UpdateCount 6
UseFlag 7
UpdateCount 7 FF 00 FF 00
If Config Is
unlocked
Always
0x11
LastKeyUse 0
LastKeyUse 1
LastKeyUse 2
LastKeyUse 3
FF FF FF FF
If Config Is
unlocked
Always
0x12 LastKeyUse 4
LastKeyUse 5
LastKeyUse 6
LastKeyUse 7
FF FF FF FF
If Config Is
unlocked
Always
0x13 LastKeyUse 8
LastKeyUse 9
LastKeyUse 10 LastKeyUse 11 FF FF FF FF
If Config Is
unlocked
Always
0x14 LastKeyUse 12 LastKeyUse 13
LastKeyUse 14 LastKeyUse 15 FF FF FF FF
If Config Is
unlocked
Always
0x15 UserExtra
Selector
LockValue1
LockConfig
00 00 55 55
Through
UpdateExtra
Command
Only
Always
Note: 
1.
LockValue was previously known as LockData.
2.1.2.1
I2C_Enable
Bit 7–1:
Ignored and set by Microchip.
ATSHA204A
Device Organization
© 2018 Microchip Technology Inc.
DS40002025A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com