Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 9 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 9 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 5Page - Microchip Technology ATSHA204A Datasheet HTML 6Page - Microchip Technology ATSHA204A Datasheet HTML 7Page - Microchip Technology ATSHA204A Datasheet HTML 8Page - Microchip Technology ATSHA204A Datasheet HTML 9Page - Microchip Technology ATSHA204A Datasheet HTML 10Page - Microchip Technology ATSHA204A Datasheet HTML 11Page - Microchip Technology ATSHA204A Datasheet HTML 12Page - Microchip Technology ATSHA204A Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 93 page
background image
On shipment from Microchip, the EEPROM contains factory test data that can be used for fixed-value
board testing. This data must be overwritten with the desired contents prior to locking the configuration
and/or data sections of the device. See the Microchip website for the document containing the specific
shipment values.
2.1.1
EEPROM Data Zone
The Data zone is 512-bytes (4 kb), is part of the EEPROM array and can be used for secure storage
purposes.
Prior to locking the configuration section using Lock(Config), the Data zone is inaccessible and can be
neither read nor written. After configuration locking, the entire Data zone can be written using the Write
command. If desired, the data to be written can be encrypted.
In the following table, “Byte Address” is the byte address within the Data zone for the first byte in the
respective slot. Because all Reads and Writes with the ATSHA204A are performed on a word (4-byte or
32-byte) basis and the word address in the table below should be used for the address parameter passed
to the Read and Write commands.
Table 2-3. Data Zone Slots
Slot
Byte Address (Hex)
Word Address (Hex)
Slot
Byte Address (Hex)
Word Address (Hex)
0
0x0000
0x0000
8
0x0100
0x0040
1
0x0020
0x0008
9
0x0120
0x0048
2
0x0040
0x0010
10
0x0140
0x0050
3
0x0060
0x0018
11
0x0160
0x0058
4
0x0080
0x0020
12
0x0180
0x0060
5
0x00A0
0x0028
13
0x01A0
0x0068
6
0x00C0
0x0030
14
0x01C0
0x0070
7
0x00E0
0x0038
15
0x01E0
0x0078
2.1.2
Configuration Zone
The 88-bytes (704-bits) in the Configuration zone contain manufacturing identification data, general
device and system configuration and access restriction control values for the slots within the Data zone.
The values of these bytes can always be obtained using the Read command. The bytes of this zone are
arranged as shown in the following table.
Table 2-4. Configuration Zone
Word Byte 0
Byte 1
Byte 2
Byte 3
Default
Write Access Read
Access
0x00
SN<0:3>
01 23 xx xx
Never
Always
0x01
RevNum
xx xx xx xx
Never
Always
0x02
SN<4:7>
xx xx xx xx
Never
Always
0x03 SN<8>
Reserved
I2C_Enable
Reserved
EE 55 xx 00
Never
Always
0x04 I2C_Address
CheckMacConfig OTP Mode
Selector Mode C8 00 55 00
If Config Is
unlocked
Always
ATSHA204A
Device Organization
© 2018 Microchip Technology Inc.
DS40002025A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com