Electronic Components Datasheet Search
  English  ▼

X  

ATSHA204A Datasheet(PDF) 37 Page - Microchip Technology

Part # ATSHA204A
Description  ATSHA204A Microchip CryptoAuthentication Data Sheet
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSHA204A Datasheet(HTML) 37 Page - Microchip Technology

Back Button ATSHA204A Datasheet HTML 33Page - Microchip Technology ATSHA204A Datasheet HTML 34Page - Microchip Technology ATSHA204A Datasheet HTML 35Page - Microchip Technology ATSHA204A Datasheet HTML 36Page - Microchip Technology ATSHA204A Datasheet HTML 37Page - Microchip Technology ATSHA204A Datasheet HTML 38Page - Microchip Technology ATSHA204A Datasheet HTML 39Page - Microchip Technology ATSHA204A Datasheet HTML 40Page - Microchip Technology ATSHA204A Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
7.3.1
AC Parameters — Single-Wire Interface
Figure 7-2. AC Timing Diagram — Single-Wire Interface
t
START
t
ZHI
t
ZLO
Logic Ø
t
START
t
BIT
Logic 1
t
START
t
TURNAROUND
t
START
SDA
Table 7-3. AC Parameters — Single-Wire Interface
Unless otherwise specified, applicable from TA = −40°C to +85°C, VCC = +2.0V to +5.5V, CL =100 pF.
Parameter
Symbol
Direction
Min Typ Max Unit Notes
Start Pulse
Duration(1)
tSTART
To Crypto
Authentication
4.10 4.34 4.56
μs
From Crypto
Authentication
4.60 6.00 8.60
μs
Zero Transmission
High Pulse(1)
tZHI
To Crypto
Authentication
4.10 4.34 4.56
μs
From Crypto
Authentication
4.60 6.00 8.60
μs
Zero Transmission
Low Pulse(1)
tZLO
To Crypto
Authentication
4.10 4.34 4.56
μs
From Crypto
Authentication
4.60 6.00 8.60
μs
Bit Time(1)
tBIT
To Crypto
Authentication
37
39
—
μs
If the bit time exceeds
tTIMEOUT, then the
ATSHA204A may enter the
sleep state. See Section I/O
Timeout for specific details.
From Crypto
Authentication
41
54
78
μs
Turnaround Delay
tTURNAROUND
From Crypto
Authentication
64
80
131
μs
The ATSHA204A initiates
the first low-going transition
after this time interval
following the start of the last
bit (tBIT) of the Transmit
flag.
ATSHA204A
Electrical Characteristics
© 2018 Microchip Technology Inc.
DS40002025A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com