Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments TDP142 Datasheet HTML 27Page - Texas Instruments TDP142 Datasheet HTML 28Page - Texas Instruments TDP142 Datasheet HTML 29Page - Texas Instruments TDP142 Datasheet HTML 30Page - Texas Instruments TDP142 Datasheet HTML 31Page - Texas Instruments TDP142 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
8.4 Layout
8.4.1 Layout Guidelines
1. Route the INDP[3:0]P/N and OUTDP[3:0]P/N pairs with controlled 100Ω differential impedance (±10%).
2. Keep away from other high speed signals.
3. Keep intra-pair routing within 5 mils.
4. Keep inter-pair skew within 2 UI according to the DisaplyPort Design Guide
5. Make sure length matching is near the location of mismatch.
6. Separate each pair by at least 3 times the signal trace width.
7. Keep the use of bends in differential traces to a minimum. When bends are used, make sure the number of
left and right bends are as equal as possible and that the angle of the bend is ≥ 135 degrees. This setup
minimizes any length mismatch caused by the bends and therefore minimize the impact bends have on EMI.
8. Route all differential pairs on the same of layer.
9. Keep the number of VIAS to a minimum. TI recommends to keep the VIAS count to 2 or less.
10. The layout can face signal crossing on OUTDP2 and OUTDP3 due to mismatched order between the output
pins of the device and the connector (see Figure 8-7). One option is to do a polarity swap on the input of the
device when GPU is a BGA package to help minimize the number of VIAS being used.
11. Keep traces on layers adjacent to ground plane.
12. Do NOT route differential pairs over any plane split.
13. Remember that adding test points can cause impedance discontinuity, and therefore, negatively impact
signal performance. If test points are used, place the test points in series and symmetrically. Do not place
test points in a manner that causes a stub on the differential pair.
8.4.2 Layout Example
INDP0
INDP1
INDP2
INDP3
OUTDP0
OUTDP1
OUTDP2
OUTDP3
AUX
HPDIN
SNOOPENZ
DPEQ0/A1
I2CEN
A0
DPEQ1
SCL
SDA DPEN
Figure 8-6. Layout Example
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com