Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Parameter Measurement Information
tBUF
tHDSTA
tR
tLOW
tHDDAT
t
HIGH
tF
tSUDAT
tSUSTA
tHDSTA
tSUSTO
P
S
S
P
SDA
SCL
30%
70%
30%
70%
Figure 6-1. I2C Timing Diagram Definitions
IN
OUT
TDIFF_DLY
TDIFF_DLY
Figure 6-2. Propagation Delay
tr
tf
20%
80%
Figure 6-3. Output Rise and Fall Times
www.ti.com
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com