Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 29Page - Texas Instruments TDP142 Datasheet HTML 30Page - Texas Instruments TDP142 Datasheet HTML 31Page - Texas Instruments TDP142 Datasheet HTML 32Page - Texas Instruments TDP142 Datasheet HTML 33Page - Texas Instruments TDP142 Datasheet HTML 34Page - Texas Instruments TDP142 Datasheet HTML 35Page - Texas Instruments TDP142 Datasheet HTML 36Page - Texas Instruments TDP142 Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
EXAMPLE BOARD LAYOUT
4225901/A 05/2020
www.ti.com
VQFN - 1 mm max height
RGF0040F
PLASTIC QUAD FLATPACK- NO LEAD
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 12X
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
EXPOSED
METAL
EXPOSED
METAL
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
(4.8)
(3.7)
(5.7)
36X (0.5)
40X (0.6)
40X (0.25)
(6.8)
2X
(1.25)
2X
(1.35)
2X (0.625)
2X (0.975)
(Ø 0.2) VIA
TYP
(R 0.05) TYP
12
1
40
33
32
21
20
13
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com