Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 5 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage range
VCC
–0.3
4
V
Voltage range at any input or output pin
Differential voltage between positive and negative
inputs
–2.5
2.5
V
Voltage at differential inputs
–0.5
4
V
CMOS Inputs
–0.5
4
V
Maximum junction temperature, TJ
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1), all pins
±2000
V
Charged-device model (CDM), per AEQ Q100-011, all pins
±1500
(1)
AEC Q100-002 indicates that HBM stressing must be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Main power supply
3.0
3.3
3.6
V
Main supply ramp requirement
0.1
50
ms
V(I2C)
Supply that external resistors are pulled up to on SDA and SCL
1.7
3.6
V
V(PSN)
Supply noise on VCC pins (less than 4MHz)
100
mV
TA
Operating free-air temperature
–40
105
°C
TPCB
PCB temperature (1mm away from the device)
–40
112
°C
5.4 Thermal Information
THERMAL METRIC(1)
Device
UNIT
RGF (VQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
29.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.9
°C/W
RθJB
Junction-to-board thermal resistance
11.0
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
10.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Power Supply Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCC(ACTIVE--4DP)
Average active power
4 Lane DP Only
Four active DP lanes operating at 8.1Gbps;
PRBS7 pattern;
DPEN = H; LINR_L3;
500
mW
PCC(HPDLOW--4DP)
Power 4 Lane DP Only when HPDIN
= L
DPEN = H; HPDIN = L;
0.475
mW
www.ti.com
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com