Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TDP142
Description  TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TDP142 Datasheet(HTML) 4 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Table 4-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
I2C_EN
9
4 Level I
I2C Programming Mode or GPIO Programming Select. I2C is only disabled when this pin is ‘0".
0 = GPIO mode (I2C disabled).
R = TI Test Mode (I2C enabled at 3.3V).
F = I2C enabled at 1.8V when RSVD11 = "0" and RSVD10 = "0". Otherwise, GPIO mode (I2C
disabled)
1 = I2C enabled at 3.3V.
INDP3p
10
Diff I
DP Differential positive input for DisplayPort Lane 3.
INDP3n
11
Diff I
DP Differential negative input for DisplayPort Lane 3.
VCC
12, 20, 33, 38
P
3.3V Power Supply.
TEST1/SCL
13
2 Level I
When I2C_EN=’0’, pull down with 10k or directly connect to ground. Otherwise this pin is I2C clock.
When used for I2C clock, pull up this pin to the VCC I2C supply of the I2C controller.
TEST2/SDA
14
2 Level I
When I2C_EN=’0’ , pull down with 10k or directly connect to ground. Otherwise this pin is I2C data.
When used for I2C data, pull up this pin to the VCC I2C supply of the I2C controller.
DPEN/HPDIN
15
2 Level I
(Failsafe)
(PD)
DP Enable Pin. When I2C_EN = ‘0’, this pin enables or disables the DisplayPort functionality.
Otherwise, when I2C_EN is not "0", DisplayPort functionality is enabled and disabled through I2C
registers.
L = DisplayPort Disabled. (Pull down with 10k resistor)
H = DisplayPort Enabled. (Pull up with 10k resistor)
When I2C_EN is not "0" this pin is an input for Hot Plug Detect (HPD) received from DisplayPort
sink. When this HPDIN is low for greater than 2ms, all DisplayPort lanes are disabled.
AUXp
16
I/O, CMOS
This pin along with AUXN is used by the TDP142-Q1 for AUX snooping. See the Application and
Implementation section for more detail.
AUXn
17
I/O, CMOS
This pin along with AUXP is used by the TDP142-Q1 for AUX snooping. See the Application and
Implementation section for more detail.
RSVD6
18
I/O, CMOS
Reserved.(1)
RSVD7
19
I/O, CMOS
Reserved.(1)
SNOOPENZ/RSVD8
21(2)
I/O
(PD)
When I2C_EN ! = 0, this pin is reserved. When I2C_EN = 0 , this pin is SNOOPENZ (L = AUX
snoop enabled and H = AUX snoop disabled with all lanes active).
OUTDP3p
22
Diff O
DP Differential positive output for DisplayPort Lane 3.
OUTDP3n
23
Diff O
DP Differential negative output for DisplayPort Lane 3.
HPDIN/RSVD9
24(2)
I/O
(PD)
When I2C_EN ! = 0, this pin is reserved. When I2C_EN = 0, this pin is an input for Hot Plug Detect
received from DisplayPort sink. When HPDIN is low for greater than 2ms, all DisplayPort lanes are
disabled.
OUTDP2p
25
Diff O
DP Differential positive output for DisplayPort Lane 2.
OUTDP2n
26
Diff O
DP Differential negative output for DisplayPort Lane 2.
RSVD10
27
I
Reserved. Connect to GND when 1.8V I2C is used, otherwise leave pin floating.
OUTDP1n
28
Diff O
DP Differential negative output for DisplayPort Lane 1.
OUTDP1p
29
Diff O
DP Differential positive output for DisplayPort Lane 1.
RSVD11
30
I
Reserved. Connect to GND when 1.8V I2C is used, otherwise leave pin floating.
OUTDP0n
31
Diff O
DP Differential negative output for DisplayPort Lane 0.
OUTDP0p
32
Diff O
DP Differential positive output for DisplayPort Lane 0.
DPEQ1
34
4 Level I
DisplayPort Receiver EQ control. This along with DPEQ0 selects the DisplayPort receiver
equalization gain. Refer to Table 6-2 for equalization settings.
RSVD1
35
I
Reserved.(1)
RSVD2
36
O
Reserved.(1)
RSVD3
37
O
Reserved.(1)
RSVD4
39
I
Reserved.(1)
RSVD5
40
I
Reserved.(1)
(1)
Leave unconnected on PCB.
(2)
Not a fail-safe I/O. Actively driving pin high while VCC is removed results in leakage voltage on VCC pins.
TDP142-Q1
SLLSG10A – NOVEMBER 2024 – REVISED FEBRUARY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TDP142-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com